Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 3Page - Motorola, Inc MC13109A Datasheet HTML 4Page - Motorola, Inc MC13109A Datasheet HTML 5Page - Motorola, Inc MC13109A Datasheet HTML 6Page - Motorola, Inc MC13109A Datasheet HTML 7Page - Motorola, Inc MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc MC13109A Datasheet HTML 10Page - Motorola, Inc MC13109A Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MC13109A
7
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Pre–Amplifier/Expander/Rx Mute/Volume Control
The Pre–Amplifier is an inverting rail–to–rail output swing
operational amplifier with the non–inverting input terminal
connected to the internal VB half supply reference. External
resistors and capacitors can be connected to set the gain and
frequency response. The expander analog ground is set to
the half supply reference so the input and output swing
capability will increase as the supply voltage increases. The
volume control can be adjusted through the MPU interface.
The “Rx Audio In” input signal is ac coupled.
(Test Conditions: VCC = 2.6 V, TA = 25°C, fin = 1.0 kHz, Set External Pre–Amplifier R’s for Gain of 1, Volume Control = (0111).)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Pre–Amp Open Loop
Gain
Rx
Audio In
Pre–Amp
AVOL
60
dB
Pre–Amp Gain
Bandwidth
Rx
Audio In
Pre–Amp
GBW
100
kHz
Pre–Amp Maximum
Output Swing
RL = 10 kΩ
Rx
Audio In
Pre–Amp
VOmax
VCC – 0.3
Vpp
Expander 0 dB Gain
Level
Vin = –10 dBV
Rx
Audio In
E Out
G
–3.0
–0.3
3.0
dB
Expander Gain
Tracking
Vin = –20 dBV, Output
Relative to G
Rx
Audio In
E Out
Gt
–21
–19.84
–19
dB
Vin = –30 dBV, Output
Relative to G
–42
–40.12
–37
Total Harmonic
Distortion
Vin = –10 dBV
Rx
Audio In
E Out
THD
0.2
%
Maximum Output
Voltage
Increase input voltage
until output voltage
THD = 5%, then
measure output
voltage. RL = 10 kΩ
Rx
Audio In
E Out
VOmax
–5.0
dBV
Attack Time
Ecap = 1.0 µF,
Rfilt = 20 kΩ
(See Appendix B)
Rx
Audio In
E Out
ta
3.0
ms
Release Time
Ecap = 1.0 µF,
Rfilt = 20 kΩ
(See Appendix B)
Rx
Audio In
E Out
tr
13.5
ms
Compressor to
Expander Crosstalk
V (Rx Audio In)
= 0 Vrms,
Vin = –10 dBV
C In
E Out
CT
–76
dB
Rx Mute
Vin = –10 dBV
No popping detectable
during Rx Mute
transitions
Rx
Audio In
E Out
Me
–65
dB
Volume Control Range
Programmable through
MPU Interface
VCrange
–14
16
dB
Volume Control Steps
Programmable through
MPU Interface
VCn
16


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com