Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 2Page - Motorola, Inc MC13109A Datasheet HTML 3Page - Motorola, Inc MC13109A Datasheet HTML 4Page - Motorola, Inc MC13109A Datasheet HTML 5Page - Motorola, Inc MC13109A Datasheet HTML 6Page - Motorola, Inc MC13109A Datasheet HTML 7Page - Motorola, Inc MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc MC13109A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MC13109A
6
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
RSSI/Carrier Detect
Connect 0.01
µF to Gnd from “RSSI” output pin to form the
carrier detect filter. “CD Out” is an open collector output
which requires an external 100 k
Ω pull–up resistor to VCC.
The carrier detect threshold is programmable through the
MPU interface.
(RL = 100 kΩ, VCC = 2.6 V, TA = 25°C.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
RSSI Output Current
Dynamic Range
Mix1 In
RSSI
RSSI
65
dB
Carrier Sense Threshold
CD Threshold Adjust =
(10100)
Mix1 In
CD Out
VT
11
mVrms
Hysteresis
Mix1 In
CD Out
Hys
1.5
dB
Output High Voltage
Vin = 0 µVrms, RL = 100
k
Ω, CD = (10100)
Mix1 In
CD Out
VOH
2.6
V
Output Low Voltage
Vin = 100 µVrms, RL =
100 k
Ω, CD = (10100)
Mix1 In
CD Out
VOL
0.01
0.4
V
Carrier Sense Threshold
Adjustment Range
Programmable through
MPU Interface
VTrange
–20
11
dB
Carrier Sense Threshold
– Number of Steps
Programmable through
MPU Interface
VTn
32
Data Amp Comparator
Inverting hysteresis comparator. Open collector output
with internal 100 k
Ω pull–up resistor. A band pass filter is
connected between the “Det Out” pin and the “DA In” pin with
component values as shown in the attached block diagram.
The “DA In” input signal is ac coupled.
(VCC = 2.6 V, TA = 25°C)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Hysteresis
DA In
DA Out
Hys
30
40
50
mV
Threshold Voltage
DA In
DA Out
VT
VCC – 0.9
VCC – 0.7
VCC – 0.5
V
Input Impedance
DA In
ZI
12
k
Output Impedance
DA Out
ZO
104
k
Output High Voltage
Vin = VCC – 1.0 V,
IOH = 0 mA
DA In
DA Out
VOH
VCC – 0.1
2.6
V
Output Low Voltage
Vin = VCC – 0.4 V,
IOL = 0 mA
DA In
DA Out
VOL
0.04
0.4
V


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com