Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12NE64 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S12NE64
Description  16-bit Microcontroller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12NE64 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S12NE64 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12NE64 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
This product incorporates SuperFlash
® technology licensed from SST.
© Freescale Semiconductor, Inc. 2004
MC9S12NE64FS
REV 0
> Phase-Lock Loop (PLL)
> Programmable clock frequency with 1,024
options ranging from divide by 16 to multiply
by 64 from base oscillator
> Real-time interrupt
> Watchdog
> Clock monitor with self-clock mode in case
there is no external clock
> Reliable, robust operation
> Provides high performance using
cost-effective reference crystals
> Low noise generation
> Low power consumption
> Programmable baud rate with prescaler
> Infrared mode
> Asynchronous communication between the
MCU and a terminal, a computer or a network
of microcontrollers
> Exact baud rate matching
Two Serial Communications Interfaces
> Up to 6.25 Mbps
> High-speed synchronous communication
between multiple MCUs or between an MCU
and serial peripherals
Serial Peripheral Interface
> 256 clock rate options
> Provides a simple, efficient method of data
exchange between devices
> Minimizes the need for large numbers of
connections between devices and
eliminates the need for an address decoder
Inter-Integrated Circuit Bus
> On-chip RAM for EMAC buffers and
system stack
> Programmable buffer size
> Promote scalability between system stack and
Ethernet performance
8K Static RAM
> Programmable pull-ups/pull-downs
> Dual drive capability
> Reduce system cost
> Able to tailor application for minimum EMC or
high current loads
Up to 70 Input/Output Lines
Learn More: For current information about Freescale products and documentation,
please visit www.freescale.com.
DOCUMENTATION
Data Sheet
> MC9S12NE64V1
Application Notes/Engineering Bulletins
PACKAGE OPTIONS
Part Number
Package
Temp Range
MC9S12NE64VTU
80 Lead TQFP-EP
-40ºC to +105ºC
MC9S12NE64CPV
112 Lead LQFP
-40ºC to +85ºC
80-Lead TWFP_EP (TU)/LQFP
.65 mm Pitch
14 mm x 14 mm Body
112-Lead LQFP
.65 mm Pitch
20 mm x 20 mm Body
.65 mm Pitch
14 mm x 14 mm Body
80 Lead TQFP-EP
.65 mm Pitch
20 mm x 20 mm Body
112 Lead LQFP
Features
Benefit
s
> Four-channel, 16-bit
> Programmable input capture or
output compare
> Gated time accumulation
> Flexible, programmable timer system
Timer
Clock and Reset Generator Module
> AN2692: MC9S12NE64 Integrated
Ethernet Controller
> AN2759: Implementing an Ethernet
Interface with the MC9S12NE64
> AN2700: Basic Web Server Development
with MC9S12NE64 and CMX-MicroNet™
TCP/IP Stack
> AN2624: Basic Web Server Development
with the CMX-MicroNet_TCP/IP Stack
> AN2304: Implementation of a UDP/IP
Stack on HCS12 Microcontrollers
> AN2120: Connecting an M68HC08
Family Microcontroller to an Internet
Service Provider (ISP)
HCS12 CPU with Debug Module
2 x SCI
ADC
10-bit, 8-ch.
Timer
16-bit, 4-ch.
SPI
I2C
Voltage Regulator
3.3 V to 2.5 V Converter
18-Key Wake-up
IRQ Ports
64K Flash
8K RAM
EPHY
EMAC
HCS12 MCU
10/100 Ethernet
Controller
MC9S12NE64
Application Notes,
Evaluation Boards and
Documentation
TCP/IP Stack
Software
Flash
Development
Tools
A FULL AND INTEGRATED ETHERNET
CONNECTIVITY SOLUTION
> 8-channel ADC
> 7 µs, 10-bit single conversion time; scan
mode available
> Configurable external trigger capability
> Fast, easy conversion from analog inputs,
such as temperature, pressure and
fluid levels, to digital values for
CPU processing
10-bit Analog to Digital Converter
Development Tools
DEMO9S12NE64
MC9S12NE64 demonstration board in an enclosed
plastic case with 10/100 Base-T Ethernet port, serial
port, switches, LEDs, potentiometer and demo software
including application code
EVB9S12NE64
MC9S12NE64 evaluation board with 10/100 Base-T
Ethernet port, dual serial ports, switches, LEDs,
potentiometer, LCD port, keyboard port and demo
software including application code
USBMULTILINK12
Universal HC12/HCS12 in-circuit emulator,
debugger and Flash programming through
BDM interface
M68CYCLONEPRO
HC08/HCS08/HC12/HCS12 stand-alone Flash
programmer or in-circuit emulator, debugger and
Flash programmer; USB, serial or Ethernet
interface options
CWX-H12-SE
CodeWarrior™ Development Studio for HCS12
with Processor Expert™ autocode generator, full-chip
simulation, assembler, linker and C compiler
(code size limited—compiler upgrades available)
TCP/IP stack software is available through various
third-party providers. Visit our Web site mentioned
at the bottom of this page for more information.
MC9S12NE64


Similar Part No. - MC9S12NE64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12NE64 FREESCALE-MC9S12NE64 Datasheet
3Mb / 554P
   Microcontrollers
MC9S12NE64 FREESCALE-MC9S12NE64 Datasheet
3Mb / 554P
   MC9S12NE64 Data Sheet
MC9S12NE64 FREESCALE-MC9S12NE64 Datasheet
3Mb / 554P
   MC9S12NE64 Device Overview
MC9S12NE64CPVE FREESCALE-MC9S12NE64CPVE Datasheet
3Mb / 554P
   MC9S12NE64 Device Overview
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
More results

Similar Description - MC9S12NE64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com