Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES-08-25 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ES-08-25
Description  Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ES-08-25 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ES-08-25 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Germany: +49 621 776-4411
Subject to modifications without notice
Pepperl+Fuchs Group
fa-info@pepperl-fuchs.com
www.pepperl-fuchs.com
USA: +1 330 486 0001
fa-info@us.pepperl-fuchs.com
Singapore: +65 6779 9091
fa-info@sg.pepperl-fuchs.com
Copyright Pepperl+Fuchs
Accessories
ES-08-25
Dimensions
Technical data
Mechanical specifications
Material
Heat-treated alloy steel
25.00
31.80
16.70
M8 x 1
6.26
5.84
3.16
M8 x 1
Model Number
ES-08-25
Mounting adapter
Features
• End stop adapter
• For 8 mm diameter sensors
Application
The end stop adapter turns a standard 8
mm diameter shielded inductive sensor
into a durable mechanical stop switch.
These adapters are useful for applica-
tions where end-of-travel signals are re-
quired. Sensor activation point is
dependent upon the insertion depth (0 -
1.5 mm).


Similar Part No. - ES-08-25

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ES-08-50 PF-ES-08-50 Datasheet
93Kb / 1P
Accessories
More results

Similar Description - ES-08-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com