Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWT-150X Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CWT-150X
Description  Solder Sleeve One Step Wire Terminator Low Temperature
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CWT-150X Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CWT-150X Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitutional Drive
Menlo Park, CA 94025 USA
TITLE :
Solder Sleeve One Step
Wire Terminator Low Temperature
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
CWT-150X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
DATE:
15-Apr-11
DOC ISSUE:
7
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D980899
DCR NUMBER:
D010038
PROD. REV.:
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check with the web for the latest revision
Product Revision
Product Dimensions
Wire and Pin Dimensions
Product
Name
øA
min
L
min
øB
max
øC
min
øC
max
øD
max
CWT-1501
A
1.5 (0.060)
1.5 (0.060)
2.0 (0.080)
0.9 (0.035)
1.5 (0.060)
0.6 (0.025)
CWT-1502
A
2.3 (0.090)
2.3 (0.090)
2.9 (0.115)
1.1 (0.045)
2.3 (0.090)
0.9 (0.035)
CWT-1503
A
2.8 (0.110)
2.8 (0.110)
3.2 (0.125)
1.6 (0.065)
2.8 (0.110)
1.2 (0.045)
CWT-1504
A
3.8 (0.150)
3.8 (0.150)
4.5 (0.180)
1.8 (0.070)
3.8 (0.150)
1.5 (0.060)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent clear, radiation cross-linked modified polyolefin.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Cd18 per ANSI-J-STD-006.
FLUX:
TYPE ROM1 per ANSI-J-STD-004.
APPLICATION
1. These controlled soldering devices are designed for termination of a wire to the lead of electrical component or to the terminal
of a connector.
2. Temperature range: -55C to +125C.
3. For installation procedure and application equipment, consult RPIP-824-00
For best results, prepare the cable as shown:
Stripping Dimensions
1) Wires smaller than AWG 18:
E: 6.5±0.5
F: 8.0±0.5
2) Wires AWG 18 and larger:
E: 9.5±0.5
F: 11.0±0.5


Similar Part No. - CWT-150X

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
CWT-106 ATS-CWT-106 Datasheet
600Kb / 1P
CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
R3_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
logo
Tyco Electronics
CWT-11 MACOM-CWT-11 Datasheet
95Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
TE Connectivity Ltd
CWT-11-W122-5 TEC-CWT-11-W122-5 Datasheet
30Kb / 1P
SOLDERSLEEVE TERMINATOR WITH PRE-INSTALLED LEAD
More results

Similar Description - CWT-150X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Tyco Electronics
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
TE Connectivity Ltd
B-155-90XX TEC-B-155-90XX Datasheet
45Kb / 1P
SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
logo
PANDUIT CORP.
D-659-0026 PANDUIT-D-659-0026 Datasheet
69Kb / 1P
SOLDER SLEEVE SHIELD TERMINATOR
logo
Tyco Electronics
B-155-3802 MACOM-B-155-3802 Datasheet
105Kb / 1P
SOLDERSLEEVE ONE STEP SHIELD TERMINATOR, LEAD-FREE
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
SOLDERSLEEVE WIRE TERMINATOR
logo
Molex Electronics Ltd.
0011219998 MOLEX11-0011219998 Datasheet
133Kb / 5P
2.5MM DISCRETE WIRE ARBOR TERMINATOR
logo
Tyco Electronics
C-178708 MACOM-C-178708 Datasheet
29Kb / 1P
ONE TOUCH SLEEVE FOR 187 SERIES FLAG POS
011829-000 MACOM-011829-000 Datasheet
38Kb / 1P
SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
logo
List of Unclassifed Man...
P3032 ETC-P3032 Datasheet
237Kb / 1P
Wire Wrapping Sleeve, 30-32 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com