Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO96-X-01 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SO96-X-01
Description  SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID HIGH TEMPERATURE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SO96-X-01 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SO96-X-01 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CUSTOMER DRAWING
RAYCHEM
TITLE:
SOLDERSLEEVE DEVICE
SHIELD TERMINATION WITH BRAID
HIGH TEMPERATURE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO
.:
SO96-X-01
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
Revision:
4
Issue Date:
April 2020
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
DATE:
June 29, 1998
ECO: ECO-20-004961
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 16-Apr-20
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product
Name
Component Dimensions
Shall Accommodate Cable with Dimensions
Ident.
Code
L
1.75
(L
0.07)
øB
min
øC
min
H
min
øE
max
øF
min
øD
max
SO96-1-01
SO961R
16.5
(0.650)
1.90
(0.070)
2.65
(0.105)
8.25
(0.325)
2.65
(0.105)
0.90
(0.035)
1.9
(0.075)
SO96-2-01
SO962R
16.5
(0.650)
2.65
(0.105)
3.55
(0.140)
8.25
(0.325)
3.55
(0.140)
1.40
(0.055)
2.65
(0.105)
SO96-3-01
SO963R
16.5
(0.650)
4.30
(0.170)
5.00
(0.195)
8.25
(0.325)
5.00
(0.195)
2.15
(0.085)
4.30
(0.170)
SO96-4-01
SO964R
19.7
(0.775)
5.95
(0.235)
6.45
(0.255)
8.25
(0.325)
6.45
(0.255)
3.30
(0.130)
5.95
(0.235)
SO96-5-01
SO965R
19.7
(0.775)
7.00
(0.277)
7.6
(0.300)
8.25
(0.325)
7.6
(0.300)
4.30
(0.170)
7.00
(0.277)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR:
SOLDER:
TYPE Sn96 per ANSI-J-STD-006.
FLUX:
TYPE ROM1 per ANSI-J-STD-004.
THERMAL INDICATOR: color change orange to colorless.
3. MELTABLE RINGS: Stabilized thermoplastic. Color:blue.
4. PRE-INSTALLED BRAID: Nickel plated copper strands. CMA 640.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 150
C minimum, meeting the
dimensional criteria listed, having nickel plated shields.
2. Temperature range: -55
C to +175
C.
Install using TE Connectivity-approved convection or infrared heating tools in accordance with Raychem process standard RCPS-
100-70.
Infrared tools are not recommended for use with black jackets.
For best results, prepare the cable as shown:
TE Connectivity, TE connectivity (logo), Raychem, and SolderSleeve are trademarks


Similar Part No. - SO96-X-01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SO96-X-00 TEC-SO96-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR IMMERSION RESISTANT, HIGH TEMP.
More results

Similar Description - SO96-X-01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1194651-7 MACOM-2-1194651-7 Datasheet
113Kb / 1P
   SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID
logo
TE Connectivity Ltd
SO96-X-55-22-90 TEC-SO96-X-55-22-90 Datasheet
76Kb / 1P
   SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH LEADS, HIGH TEMPERATURE IMMERSION RESISTANT
logo
Tyco Electronics
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
logo
PANDUIT CORP.
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR
D-103-33 PANDUIT-D-103-33 Datasheet
39Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
logo
TE Connectivity Ltd
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com