Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060520010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1060520010
Description  LC Loopback, Multimode, 50/125關m fiber
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1060520010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1060520010_V01 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/31/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1060520010
Status:
Active
Overview:
LC Connectors, Adapters and Cable Assemblies
Description:
LC Loopback, Multimode, 50/125µm fiber
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106052
Boot Type
N/A
Comments
One Piece
Connector to Connector
LC-to-LC
Mode
Multimode
Overview
LC Connectors, Adapters and Cable Assemblies
Product Name
LC
UPC
822350267151
Physical
Cable Length
LOOPBACK
Cable Size
250µm
Fiber (Core/Cladding)
50/125µm
Net Weight
2.680/g
Single Ended
No
Wire/Cable Type
Simplex
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
860520010
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)9139-DC (19
Jan 2021)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
106052 Series
This document was generated on 05/31/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1060520010_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060520010 MOLEX1-1060520010 Datasheet
34Kb / 1P
   LC Loopback, Multimode, 50/125m fiber
More results

Similar Description - 1060520010_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060520040 MOLEX-1060520040_V01 Datasheet
33Kb / 1P
   LC Loopback, Multimode, 62.5/125關m fiber
1060520030 MOLEX-1060520030_V01 Datasheet
33Kb / 1P
   LC Loopback, Singlemode, 9/125關m Fiber
1060520010 MOLEX1-1060520010 Datasheet
34Kb / 1P
   LC Loopback, Multimode, 50/125m fiber
106052-0010 MOLEX11-106052-0010 Datasheet
41Kb / 1P
   LC Loopback, Multimode, 50/125m fiber
1060051001 MOLEX-1060051001_V01 Datasheet
23Kb / 1P
   MPO Loopback, Multimode, 12 Fiber, 50/125關m, Standard Pin Out
1060051511 MOLEX-1060051511_V01 Datasheet
36Kb / 1P
   MPO Loopback, Multimode, 8 Fiber, 50/125關m, Standard Pin Out
1060051501 MOLEX-1060051501_V01 Datasheet
37Kb / 1P
   MPO Loopback, Multimode, 8 Fiber, 50/125關m, Standard Pin Out
1060051602 MOLEX-1060051602_V01 Datasheet
37Kb / 1P
   MPO Loopback, Multimode, 24 Fiber, 50/125關m, CXP Pin Out
1060051011 MOLEX-1060051011_V01 Datasheet
36Kb / 1P
   MPO Loopback, Multimode, 12 Fiber, 50/125關m, Standard Pin Out
1060051100 MOLEX-1060051100_V01 Datasheet
37Kb / 1P
   QSFP MTP Loopback, Multimode, 12 Fiber, 50/125關m, QSFP Pin Out
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com