Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3287 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3287
Description  1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3287 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3287 Datasheet HTML 1Page - Micrel Semiconductor MIC3287 Datasheet HTML 2Page - Micrel Semiconductor MIC3287 Datasheet HTML 3Page - Micrel Semiconductor MIC3287 Datasheet HTML 4Page - Micrel Semiconductor MIC3287 Datasheet HTML 5Page - Micrel Semiconductor MIC3287 Datasheet HTML 6Page - Micrel Semiconductor MIC3287 Datasheet HTML 7Page - Micrel Semiconductor MIC3287 Datasheet HTML 8Page - Micrel Semiconductor MIC3287 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2006
1
M9999-010306
MIC3287
Micrel, Inc.
MIC3287
1.2MHz PWM White LED Driver with OVP in
Thin SOT-23 and 2mm x 2mm MFL™
General Description
The MIC3287 is a 1.2MHz pulse width modulated (PWM)
step-up switching regulator that is optimized for constant
current white LED driving applications. With a maximum
output voltage of 24V and a switch current of over 350mA,
the MIC3287 drives a string of up to 4 white LEDs in series,
ensuring uniform brightness and eliminating several ballast
resistors.
TheMIC3287implementsaconstantfrequency1.2MHzPWM
current-mode control scheme. The high frequency PWM op-
eration saves board space by reducing external component
sizes. The added benefit of the constant frequency PWM
control scheme as opposed to variable frequency control
schemes is much lower noise and input ripple injected back
to the battery source. To optimize efficiency, the feedback
voltage is set to only 250mV. The MIC3287 is also available
with a maximum 24V over-voltage protection.
The MIC3287 is available in low profile Thin SOT-23 5-pin
and Thin SOT-23 6-pin packages. The MIC3287 has a junc-
tion temperature range of –40°C to +125°C.
All support documentation can be found on Micrel’s web site
at: www.micrel.com.
Typical Application
10µH
0.22µF
250mV
1-Cell
Li Ion
1µF
2
3
1
4
5
MIC3287YD5
VIN
EN
SW
FB
GND
3-Series White LED Driver in Thin SOT-23-5
Features
• 2.8V to 5.5V Input Voltage
• 350mA Switch Current
• 1.2 MHz PWM Operation
• 250mV Feedback Voltage
• 24V Output Over-Voltage Protection (OVP) Option
• <1% Line and Load Regulation
• <1µA Shutdown Current
• Over-Temperature Protection
• Under-Voltage Lock Out (UVLO)
• Low Profile Thin SOT-23-5 Package Option
• Low Profile Thin SOT-23-6 Package Option
• 8-pin 2mm x 2mm MLF™ Package Option
• –40°C to +125°C Junction Temperature Range
Applications
• White LED Driver for Backlighting:
- Cell phones
- PDAs
- GPS systems
- Digital cameras
- MP3 players
- IP phones
• LED Flashlights
• Constant Current Power Supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
10µH
0.22µF
1µF
1-Cell
Li Ion
MIC3287-24YD6
VIN
EN
SW
OVP
FB
GND
250mV
5
1
3
4
4
6
4-Series White LED Driver
with Output OVP in Thin SOT-23-6


Similar Part No. - MIC3287

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3287-24YD6 MICREL-MIC3287-24YD6 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287-24YML MICREL-MIC3287-24YML Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287YD5 MICREL-MIC3287YD5 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
More results

Similar Description - MIC3287

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com