Electronic Components Datasheet Search |
|
BA6229 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers |
|
|
BA6229 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers |
30 / 31 page 366 Order Online www.mcmelectronics.com NET 30 Terms Semiconductors/ Components section 16 Variable Load Resistors •Designed for testing high current power supplies, amplifiers, etc. •Wiper ring is moved across resistor body to vary resistance Order # ohm Maximum Wattage (ea.) 28-1225 0~8 90 $16.46 28-1230 0~18 225 41.77 Microwave Oven Diode •Popular in Amana, Litton, Tappan and many more •Replaces HVR-1X-4 and other high-voltage diodes using 1⁄4" female guide connect on anode and ring terminal on cathode Order # (1-9) (10-up) 75-100 $3.18 $2.75 Carbon Film Resistor Kit 1⁄4W High-quality carbon film resistors with a connecting wire that is easily soldered. Applications: TVs, audio and video equipment, telephone receivers and communication systems, instrumentation, home appliances and more. Specifications: •Quantity: 610 pieces (10 pieces per value) •Series: E12 •Number of values: 61 (from 10E to 1M) •Operating temperature range: -67°F~311°F •Tolerance: 5% •Max operating voltage: 250V Order # (1-3 kits) (4-kits-up) 80-6665 $8.79 $7.22 ELENCO Carbon Film Resistor Kit 1⁄2W •Contains five each of 73 standard values from 1Ω~1MΩ •365 total pieces Order # (1-9 kits) (10-24 kits) 80-6670 $13.25 $12.31 Trim Pot Kit •Save 38% off list price when you purchase this kit •Kit offers 31-1⁄2W trim pots available in vertical and horizontal mount Kit contains five each of: Order # (kit) 102-009 $24.95 100 5K 50K 100 2.5K 50K 200 10K 100K 200 3K 100K 300 20K 250K 300 5K 250K 500 25K 500K 500 10K 500K 1K 30K 1Mohm 1K 25K 1Mohm 3K Resistor Kits •Each kit contains 30 of the most popular values •Plastic cabinet with 15, two section drawers •Cabinets stack together to build a component storage center •Easily wall mounted or stacked 1 ⁄8 Watt Metal Film Contains six each of the following (in ohms): Order # (1-5 kits) (6-9 kits) (10 kits-up) RK-01 $35.95 $34.95 $32.95 1 ⁄4 Watt Metal Film Contains four each of the following (in ohms): Order # (1-5 kits) (6-9 kits) (10 kits-up) RK-02 $29.95 $28.95 $26.95 1 ⁄2 Watt Metal Film Contains six each of the following (in ohms): Order # (1-5 kits) (6-9 kits) (10 kits-up) RK-03 $44.95 $42.95 $39.95 1 Watt Metal Oxide Contains four each of the following (in ohms): Order # (1-5 kits) (6-9 kits) (10 kits-up) RK-04 $44.95 $42.95 $39.95 10 22 47 100 120 150 220 330 390 470 680 1K 1.5K 1.8K 2K 2.2K 3.3K 4.7K 6.8K 10K 15K 20K 22K 27K 33K 47K 100K 220K 330K 1M 1.0 10 15 22 47 56 75 100 120 150 220 330 390 470 560 680 1K 1.2K 1.5K 2K 2.2K 2.7K 3.3K 4.7K 8.2K 10K 22K 33K 47K 100K 1.0 1.5 2.2 10 22 33 47 100 120 150 220 330 470 560 680 1K 1.5K 1.8K 2.2K 3.3K 3.9K 4.7K 10K 15K 22K 47K 100K 220K 470K 1M .22 .47 1.0 1.5 2.0 2.2 4.7 10 22 24 33 47 68 100 120 150 220 330 470 510 1K 1.5K 2K 2.2K 4.7K 10K 47K 100K 220K 1M Linear Slide Potentiometers ALPS standard slide potentiometers. Low profile PCB mounting slide potentiometers. Ideal for volume, tone or balance controls in audio equipment and graphic equalizers. Specifications: Resistance tolerance ±20%, rated voltage 150, rated power: 45mm is 0.125W, and 60mm is 0.1W. Order # Description (ea.) RE00423 50K 45mm travel $2.60 Crystals •Full-size •Resistance weld •±50ppm from -10°~70°C •Package style: HC49/U ESR Circuit (Ohms)Frequency Calibration Order # Max (MHz) Condition (1-9) (10-49) (50-up) 31-4000 100 4.000 Series $1.35 $1.14 $1.04 31-4010 100 4.194304 12pf 1.35 1.14 1.04 31-4025 100 5.000 30pf 1.35 1.14 1.04 31-4035 50 6.000 20pf 1.35 1.14 1.04 31-4050 45 8.000 18pf 1.35 1.14 1.04 31-4080 30 10.000 20pf 1.35 1.14 1.04 31-4095 30 12.000 Series 1.35 1.14 1.04 31-4110 25 14.31818 Series 1.35 1.14 1.04 31-4140 25 20.000 20pf 1.46 1.25 1.14 Low Profile Crystals •Resistance weld •±50ppm from -10°~70°C •Package style: HC49/S ESR Circuit (Ohms)Frequency Calibration Order # Max (MHz) Condition (1-9) (10-49) (50-up) 31-4155 150 4.000000 20pf $1.77 $1.46 $1.35 31-4185 35 11.509200 16pf 1.67 1.50 1.39 ELENCO Diode/Transistor Tester Kit Build your own diode/transistor tester. This dynamic tester allows checking of transistors and diodes in circuit. You can identify NPN or PNP transistors. Also checks all types, small or large power and identifies anode or cathode of diodes. Order # (kit) 80-1170 $27.50 McGraw-Hill Electronics Demystified •Now anyone with an interest in electronics can master it •In Electronics Demystified, best-selling science and math writer Stan Gibilisco provides an effective and painless way to understand the electronics that power so much of modern life •With Electronics Demystified, you master the subject one simple step at a time; at your own speed •Unique self-teaching guide offers problems at the end of each chapter and section to pinpoint weaknesses, and a 70-question final exam to reinforce the entire book •Master electronics essentials that can help you as an employee, a hobbyist, or merely as a consumer •A fast, effective, and fun way to learn electronics, Electronics Demystified is the perfect shortcut to a deeper understanding of many of today’s most important technologies Order # (ea.) 81-3251 $19.95 Pocket Reference (2nd Edition) Loaded with constants and formulas pertaining to: Math, plumbing, automobiles, carpentry, glues, solvents, chemistry, physics, computers, electronics, and much more. 480 pages, soft cover. Order # (ea.) 81-1695 $9.95 Sorry-Books are not returnable. C52_pg_366 8/16/07 12:01 PM Page 366 |
Similar Part No. - BA6229 |
|
Similar Description - BA6229 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |