Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 19 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 15Page - Altera Corporation EP1C12F100I7 Datasheet HTML 16Page - Altera Corporation EP1C12F100I7 Datasheet HTML 17Page - Altera Corporation EP1C12F100I7 Datasheet HTML 18Page - Altera Corporation EP1C12F100I7 Datasheet HTML 19Page - Altera Corporation EP1C12F100I7 Datasheet HTML 20Page - Altera Corporation EP1C12F100I7 Datasheet HTML 21Page - Altera Corporation EP1C12F100I7 Datasheet HTML 22Page - Altera Corporation EP1C12F100I7 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
Altera Corporation
19
Preliminary Information
Cyclone FPGA Family Data Sheet
Cyclone devices include an enhanced interconnect structure within LABs
for routing LE output to LE input connections faster using LUT chain
connections and register chain connections. The LUT chain connection
allows the combinatorial output of an LE to directly drive the fast input of
the LE right below it, bypassing the local interconnect. These resources
can be used as a high-speed connection for wide fan-in functions from LE
1 to LE 10 in the same LAB. The register chain connection allows the
register output of one LE to connect directly to the register input of the
next LE in the LAB for fast shift registers. The Quartus II Compiler
automatically takes advantage of these resources to improve utilization
and performance. Figure 10 shows the LUT chain and register chain
interconnects.


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com