Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 43 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 43 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 39Page - Altera Corporation EP1C12F100I7 Datasheet HTML 40Page - Altera Corporation EP1C12F100I7 Datasheet HTML 41Page - Altera Corporation EP1C12F100I7 Datasheet HTML 42Page - Altera Corporation EP1C12F100I7 Datasheet HTML 43Page - Altera Corporation EP1C12F100I7 Datasheet HTML 44Page - Altera Corporation EP1C12F100I7 Datasheet HTML 45Page - Altera Corporation EP1C12F100I7 Datasheet HTML 46Page - Altera Corporation EP1C12F100I7 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
Altera Corporation
43
Preliminary Information
Cyclone FPGA Family Data Sheet
Programmable Duty Cycle
The programmable duty cycle allows PLLs to generate clock outputs with
a variable duty cycle. This feature is supported on each PLL post-scale
counter (g0, g1, e). The duty cycle setting is achieved by a low- and high-
time count setting for the post-scale dividers. The Quartus II software uses
the frequency input and the required multiply or divide rate to determine
the duty cycle choices.
Control Signals
There are three control signals for clearing and enabling PLLs and their
outputs. The designer can use these signals to control PLL
resynchronization and the ability to gate PLL output clocks for low-power
applications.
The pllenable signal enables and disables PLLs. When the pllenable
signal is low, the clock output ports are driven by ground and all the PLLs
go out of lock. When the pllenable signal goes high again, the PLLs
relock and resynchronize to the input clocks. An input pin or LE output
can drive the pllenable signal.
The areset signals are reset/resynchronization inputs for each PLL.
Cyclone devices can drive these input signals from input pins or from LEs.
When areset is driven high, the PLL counters will reset, clearing the PLL
output and placing the PLL out of lock. When driven low again, the PLL
will resynchronize to its input as it relocks.
The pfdena signals control the phase frequency detector (PFD) output
with a programmable gate. If you disable the PFD, the VCO will operate
at its last set value of control voltage and frequency with some drift, and
the system will continue running when the PLL goes out of lock or the
input clock disables. By maintaining the last locked frequency, the system
has time to store its current settings before shutting down. The designer
can either use their own control signal or gated locked status signals to
trigger the pfdena signal.
f For more informationonCyclone PLLs,see AN 251: Using PLLsin Cyclone
Devices.


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com