Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 42 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 42 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 38Page - Altera Corporation EP1C12F100I7 Datasheet HTML 39Page - Altera Corporation EP1C12F100I7 Datasheet HTML 40Page - Altera Corporation EP1C12F100I7 Datasheet HTML 41Page - Altera Corporation EP1C12F100I7 Datasheet HTML 42Page - Altera Corporation EP1C12F100I7 Datasheet HTML 43Page - Altera Corporation EP1C12F100I7 Datasheet HTML 44Page - Altera Corporation EP1C12F100I7 Datasheet HTML 45Page - Altera Corporation EP1C12F100I7 Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
42
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
The external clock outputs do not have their own VCC and ground voltage
supplies. Therefore, to minimize jitter, do not place switching I/O pins
next to these output pins. The EP1C3 device in the 100-pin TQFP package
does not have dedicated clock output pins. The EP1C6 device in the
144-pin TQFP package only supports dedicated clock outputs from PLL 1.
Clock Feedback
Cyclone PLLs have three modes for multiplication and/or phase shifting:
Zero delay buffer mode
The external clock output pin is phase-
aligned with the clock input pin for zero delay.
Normal mode
If the design uses an internal PLL clock output, the
normal mode compensates for the internal clock delay from the input
clock pin to the IOE registers. The external clock output pin is phase
shifted with respect to the clock input pin if connected in this mode.
The designer defines which internal clock output from the PLL
should be phase-aligned to compensate for internal clock delay.
No compensation mode
In this mode, the PLL will not compensate
for any clock networks.
Phase Shifting
Cyclone PLLs have an advanced clock shift capability that enables
programmable phase shifts. Designers can enter a phase shift (in degrees
or time units) for each PLL clock output port or for all outputs together in
one shift. Designers can perform phase shifting in time units with a
resolution range of 156 to 417 ps. The finest resolution equals one eighth
of the VCO period. The VCO period is a function of the frequency input
and the multiplication and division factors. Each clock output counter can
choose a different phase of the VCO period from up to eight taps.
Designers can use this clock output counter along with an initial setting
on the post-scale counter to achieve a phase-shift range for the entire
period of the output clock. The phase tap feedback to the m counter can
shift all outputs to a single phase. The Quartus II software automatically
sets the phase taps and counter settings according to the phase shift
entered.
Lock Detect Signal
The lock output indicates that there is a stable clock output signal in phase
with the reference clock. Without any additional circuitry, the lock signal
may toggle as the PLL begins tracking the reference clock. Therefore, the
designer may need to gate the lock signal for use as a system-control
signal.


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com