Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 40 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 40 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 36Page - Altera Corporation EP1C12F100I7 Datasheet HTML 37Page - Altera Corporation EP1C12F100I7 Datasheet HTML 38Page - Altera Corporation EP1C12F100I7 Datasheet HTML 39Page - Altera Corporation EP1C12F100I7 Datasheet HTML 40Page - Altera Corporation EP1C12F100I7 Datasheet HTML 41Page - Altera Corporation EP1C12F100I7 Datasheet HTML 42Page - Altera Corporation EP1C12F100I7 Datasheet HTML 43Page - Altera Corporation EP1C12F100I7 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
40
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 10 shows the global clock network sources available in Cyclone
devices.
Notes to Table 10:
(1)
EP1C3 devices only have one PLL (PLL 1).
(2)
EP1C3 devices in the 100-pin TQFP package do not have dedicated clock pins CLK1 and CLK3.
(3)
EP1C3 devices in the 100-pin TQFP package do not have the DPCLK0, DPCLK1, or DPCLK5 pins.
Clock Multiplication & Division
Cyclone PLLs provide clock synthesis for PLL output ports using
m/(n
× post scale counter) scaling factors. The input clock is divided by a
pre-scale divider, n, and is then multiplied by the m feedback factor. The
control loop drives the VCO to match fIN × (m/n). Each output port has a
unique post-scale counter to divide down the high-frequency VCO. For
multiple PLL outputs with different frequencies, the VCO is set to the
least-common multiple of the output frequencies that meets its frequency
specifications. Then, the post-scale dividers scale down the output
frequency for each output port. For example, if the output frequencies
required from one PLL are 33 and 66 MHz, the VCO is set to 330 MHz (the
least-common multiple in the VCO’s range).
Table 10. Global Clock Network Sources
Source
GCLK0
GCLK1
GCLK2
GCLK3
GCLK4
GCLK5
GCLK6
GCLK7
PLL Counter
Output
PLL1 G0
vv
PLL1 G1
vv
PLL2 G0 (1)
vv
PLL2 G1 (1)
vv
Dedicated
Clock Input
Pins
CLK0
vv
CLK1 (2)
vv
CLK2
vv
CLK3 (2)
vv
Dual-Purpose
Clock Pins
DPCLK0 (3)
v
DPCLK1 (3)
v
DPCLK2
v
DPCLK3
v
DPCLK4
v
DPCLK5 (3)
v
DPCLK6
v
DPCLK7
v


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com