Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 38 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 38 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 34Page - Altera Corporation EP1C12F100I7 Datasheet HTML 35Page - Altera Corporation EP1C12F100I7 Datasheet HTML 36Page - Altera Corporation EP1C12F100I7 Datasheet HTML 37Page - Altera Corporation EP1C12F100I7 Datasheet HTML 38Page - Altera Corporation EP1C12F100I7 Datasheet HTML 39Page - Altera Corporation EP1C12F100I7 Datasheet HTML 40Page - Altera Corporation EP1C12F100I7 Datasheet HTML 41Page - Altera Corporation EP1C12F100I7 Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
38
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 9 shows the PLL features in Cyclone devices. Figure 25 shows a
Cyclone PLL.
Notes to Table 9:
(1)
The m counter ranges from 2 to 32. The n counter and the post-scale counters range
from 1 to 32.
(2)
The smallest phase shift is determined by the voltage-controlled oscillator (VCO)
period divided by 8.
(3)
For degree increments, Cyclone devices can shift all output frequencies in
increments of 45°. Smaller degree increments are possible depending on the
frequency and divide parameters.
(4)
The EP1C3 device in the 100-pin TQFP package does not support external clock
output. The EP1C6 device in the 144-pin TQFP package does not support external
clock output from PLL2.
Figure 25. Cyclone PLL
Note (1)
Notes to Figure 25:
(1)
The EP1C3 device in the 100-pin TQFP package does not support external outputs or LVDS inputs. The EP1C6
device in the 144-pin TQFP package does not support external output from PLL2.
(2)
LVDS input is supported via the secondary function of the dedicated clock pins. For PLL 1, the CLK0 pin’s
secondary function is LVDSCLK1p and the CLK1 pin’s secondary function is LVDSCLK1n. For PLL 2, the CLK2 pin’s
secondary function is LVDSCLK2p and the CLK3 pin’s secondary function is LVDSCLK2n.
(3)
PFD: phase frequency detector.
Figure 26 shows the PLL global clock connections.
Table 9. Cyclone PLL Features
Feature
PLL Support
Clock multiplication and division
m/(n
× post-scale counter) (1)
Phase shift
Down to 156-ps increments (2), (3)
Programmable duty cycle
Yes
Number of internal clock outputs
2
Number of external clock outputs
One differential or one single-ended (4)
Charge
Pump
VCO
PFD (3)
Loop
Filter
CLK0 or
LVDSCLK1p (2)
CLK1 or
LVDSCLK1n (2)
÷n
÷m
∆t
∆t
Global clock
Global clock
I/O buffer
÷g0
÷g1
÷e
VCO Phase Selection
Selectable at Each PLL
Output Port
Post-Scale
Counters


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com