Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 32Page - Altera Corporation EP1C12F100I7 Datasheet HTML 33Page - Altera Corporation EP1C12F100I7 Datasheet HTML 34Page - Altera Corporation EP1C12F100I7 Datasheet HTML 35Page - Altera Corporation EP1C12F100I7 Datasheet HTML 36Page - Altera Corporation EP1C12F100I7 Datasheet HTML 37Page - Altera Corporation EP1C12F100I7 Datasheet HTML 38Page - Altera Corporation EP1C12F100I7 Datasheet HTML 39Page - Altera Corporation EP1C12F100I7 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
36
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Dual-Purpose Clock Pins
Each Cyclone device except the EP1C3 device has eight dual-purpose
clock pins, DPCLK[7..0] (two on each I/O bank). EP1C3 devices have
five DPCLK pins in the 100-pin TQFP package. These dual-purpose pins
can connect to the global clock network (see Figure 22) for high-fanout
control signals such as clocks, asynchronous clears, presets, and clock
enables, or protocol control signals such as TRDY and IRDY for PCI, or
DQS signals for external memory interfaces.
Combined Resources
Each Cyclone device contains eight distinct dedicated clocking resources.
The device uses multiplexers with these clocks to form six-bit buses to
drive LAB row clocks, column IOE clocks, or row IOE clocks. See
Figure 23. Another multiplexer at the LAB level selects two of the six LAB
row clocks to feed the LE registers within the LAB.
Figure 23. Global Clock Network Multiplexers
IOE clocks have row and column block regions. Six of the eight global
clock resources feed to these row and column regions. Figure 24 shows the
I/O clock regions.
Clock [7..0]
Column I/O Region
IO_CLK]5..0]
LAB Row Clock [5..0]
Row I/O Region
IO_CLK[5..0]
Global Clocks [3..0]
PLL Outputs [3..0]
Dual-Purpose Clocks [7..0]
Global Clock
Network
Core Logic [7..0]


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com