Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 32 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 28Page - Altera Corporation EP1C12F100I7 Datasheet HTML 29Page - Altera Corporation EP1C12F100I7 Datasheet HTML 30Page - Altera Corporation EP1C12F100I7 Datasheet HTML 31Page - Altera Corporation EP1C12F100I7 Datasheet HTML 32Page - Altera Corporation EP1C12F100I7 Datasheet HTML 33Page - Altera Corporation EP1C12F100I7 Datasheet HTML 34Page - Altera Corporation EP1C12F100I7 Datasheet HTML 35Page - Altera Corporation EP1C12F100I7 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
32
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Figure 19. Input/Output Clock Mode in Simple Dual-Port Mode
Note (1)
Note to Figures 19:
(1)
All registers shown except the rden register have asynchronous clear ports.
Read/Write Clock Mode
The M4K memory blocks implement read/write clock mode for simple
dual-port memory. The designer can use up to two clocks in this mode.
The write clock controls the block’s data inputs, wraddress, and wren.
The read clock controls the data output, rdaddress, and rden. The
memory blocks support independent clock enables for each clock and
asynchronous clear signals for the read- and write-side registers.
Figure 20 shows a memory block in read/write clock mode.
6
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
data[ ]
D
ENA
Q
wraddress[ ]
address[ ]
Memory Block
256 ´ 16
512 ´ 8
1,024 ´ 4
2,048 ´ 2
4,096 ´ 1
Data In
Read Address
Write Address
Write Enable
Read Enable
Data Out
outclken
inclken
inclock
outclock
wren
rden
6 LAB Row
Clocks
To MultiTrack
Interconnect
D
ENA
Q
byteena[ ]
Byte Enable
Write
Pulse
Generator


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com