Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 30 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 26Page - Altera Corporation EP1C12F100I7 Datasheet HTML 27Page - Altera Corporation EP1C12F100I7 Datasheet HTML 28Page - Altera Corporation EP1C12F100I7 Datasheet HTML 29Page - Altera Corporation EP1C12F100I7 Datasheet HTML 30Page - Altera Corporation EP1C12F100I7 Datasheet HTML 31Page - Altera Corporation EP1C12F100I7 Datasheet HTML 32Page - Altera Corporation EP1C12F100I7 Datasheet HTML 33Page - Altera Corporation EP1C12F100I7 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
30
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Independent Clock Mode
The M4K memory blocks implement independent clock mode for true
dual-port memory. In this mode, a separate clock is available for each port
(ports A and B). Clock A controls all registers on the port A side, while
clock B controls all registers on the port B side. Each port, A and B, also
supports independent clock enables and asynchronous clear signals for
port A and B registers. Figure 17 shows an M4K memory block in
independent clock mode.
Figure 17. Independent Clock Mode
Note (1)
Note to Figure 17:
(1)
All registers shown have asynchronous clear ports.
Input/Output Clock Mode
Input/output clock mode can be implemented for both the true and
simple dual-port memory modes. On each of the two ports, A or B, one
clock controls all registers for inputs into the memory block: data input,
wren
, and address. The other clock controls the block’s data output
registers. Each memory block port, A or B, also supports independent
clock enables and asynchronous clear signals for input and output
registers. Figures 18 and 19 show the memory block in input/output clock
mode.
6
D
ENA
Q
D
ENA
Q
D
ENA
Q
data
A[ ]
address
A[ ]
Memory Block
256 ´ 16 (2)
512 ´ 8
1,024 ´ 4
2,048 ´ 2
4,096 ´ 1
Data In
Address A
Write/Read
Enable
Data Out
Data In
Address B
Write/Read
Enable
Data Out
clken
A
clock
A
D
ENA
Q
wren
A
6 LAB Row Clocks
q
A[ ]
6
data
B[ ]
address
B[ ]
clken
B
clock
B
wren
B
q
B[ ]
ENA
AB
ENA
D
Q
D
ENA
Q
byteena
A[ ]
Byte Enable A
Byte Enable B
byteena
B[ ]
ENA
D
Q
ENA
D
Q
ENA
D
Q
D
Q
Write
Pulse
Generator
Write
Pulse
Generator


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com