Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 24Page - Altera Corporation EP1C12F100I7 Datasheet HTML 25Page - Altera Corporation EP1C12F100I7 Datasheet HTML 26Page - Altera Corporation EP1C12F100I7 Datasheet HTML 27Page - Altera Corporation EP1C12F100I7 Datasheet HTML 28Page - Altera Corporation EP1C12F100I7 Datasheet HTML 29Page - Altera Corporation EP1C12F100I7 Datasheet HTML 30Page - Altera Corporation EP1C12F100I7 Datasheet HTML 31Page - Altera Corporation EP1C12F100I7 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
28
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Byte Enables
M4K blocks support byte writes when the write port has a data width of
16, 18, 32, or 36 bits. The byte enables allow the input data to be masked
so the device can write to specific bytes. The unwritten bytes retain the
previous written value. Table 8 summarizes the byte selection.
Notes to Table 8:
(1)
Any combination of byte enables is possible.
(2)
Byte enables can be used in the same manner with 8-bit words, i.e., in
×16 and ×32
modes.
Control Signals & M4K Interface
The M4K blocks allow for different clocks on their inputs and outputs.
Either of the two clocks feeding the block can clock M4K block registers
(renwe, address, byte enable, datain, and output registers). Only the
output register can be bypassed. The six labclk signals or local
interconnects can drive the control signals for the A and B ports of the
M4K block. LEs can also control the clock_a, clock_b, renwe_a,
renwe_b
, clr_a, clr_b, clocken_a, and clocken_b signals, as
shown in Figure 15.
The R4, C4, and direct link interconnects from adjacent LABs drive the
M4K block local interconnect. The M4K blocks can communicate with
LABs on either the left or right side through these row resources or with
LAB columns on either the right or left with the column resources. Up to
10 direct link input connections to the M4K block are possible from the left
adjacent LABs and another 10 possible from the right adjacent LAB. M4K
block outputs can also connect to left and right LABs through 10 direct
link interconnects each. Figure 16 shows the M4K block to logic array
interface.
Table 8. Byte Enable for M4K Blocks
Notes (1), (2)
byteena[3..0]
datain
×18
datain
×36
[0] = 1
[8..0]
[8..0]
[1] = 1
[17..9]
[17..9]
[2] = 1
[26..18]
[3] = 1
[35..27]


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com