Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 27 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 23Page - Altera Corporation EP1C12F100I7 Datasheet HTML 24Page - Altera Corporation EP1C12F100I7 Datasheet HTML 25Page - Altera Corporation EP1C12F100I7 Datasheet HTML 26Page - Altera Corporation EP1C12F100I7 Datasheet HTML 27Page - Altera Corporation EP1C12F100I7 Datasheet HTML 28Page - Altera Corporation EP1C12F100I7 Datasheet HTML 29Page - Altera Corporation EP1C12F100I7 Datasheet HTML 30Page - Altera Corporation EP1C12F100I7 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
Altera Corporation
27
Preliminary Information
Cyclone FPGA Family Data Sheet
Memory Configuration Sizes
The memory address depths and output widths can be configured as
4,096
× 1, 2,048 × 2, 1,024 × 4, 512 × 8 (or 512 × 9 bits), 256 × 16 (or 256 × 18
bits), and 128 x 32 (or 128 x 36 bits). The 128 x 32- or 36-bit configuration
is not available in the true dual-port mode. Mixed-width configurations
are also possible, allowing different read and write widths. Tables 6 and 7
summarize the possible M4K RAM block configurations.
When the M4K RAM block is configured as a shift register block, the
designer can create a shift register up to 4,608 bits (w
× m × n).
Table 6. M4K RAM Block Configurations (Simple Dual-Port)
Read Port
Write Port
4K
× 12K × 21K × 4512 × 8256 × 16 128 × 32 512 × 9256 × 18 128 × 36
4K
× 1
vvv
v
v
v
2K
× 2
vvv
v
v
v
1K
× 4
vvv
vv
v
512
× 8
vvv
v
vv
256
× 16
vvv
v
v
v
128
× 32
vvv
vv
v
512
× 9
v
vv
256
× 18
v
v
v
128
× 36
vv
v
Table 7. M4K RAM Block Configurations (True Dual-Port)
Port A
Port B
4K
× 12K × 21K × 4512 × 8256 × 16
512
× 9256 × 18
4K
× 1
vv
vvv
2K
× 2
vv
vvv
1K
× 4
vv
v
vv
512
× 8
vv
vv
v
256
× 16
vv
v
v
v
512
× 9
vv
256
× 18
vv


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com