Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 25 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 21Page - Altera Corporation EP1C12F100I7 Datasheet HTML 22Page - Altera Corporation EP1C12F100I7 Datasheet HTML 23Page - Altera Corporation EP1C12F100I7 Datasheet HTML 24Page - Altera Corporation EP1C12F100I7 Datasheet HTML 25Page - Altera Corporation EP1C12F100I7 Datasheet HTML 26Page - Altera Corporation EP1C12F100I7 Datasheet HTML 27Page - Altera Corporation EP1C12F100I7 Datasheet HTML 28Page - Altera Corporation EP1C12F100I7 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
Altera Corporation
25
Preliminary Information
Cyclone FPGA Family Data Sheet
When configured as RAM or ROM, the designer can use an initialization
file to pre-load the memory contents.
Two single-port memory blocks can be implemented in a single M4K
block as long as each of the two independent block sizes is equal to or less
than half of the M4K block size.
The Quartus II software automatically implements larger memory by
combining multiple M4K memory blocks. For example, two 256
× 16-bit
RAM blocks can be combined to form a 256
× 32-bit RAM block. Memory
performance does not degrade for memory blocks using the maximum
number of words allowed. Logical memory blocks using less than the
maximum number of words use physical blocks in parallel, eliminating
any external control logic that would increase delays. To create a larger
high-speed memory block, the Quartus II software automatically
combines memory blocks with LE control logic.
Parity Bit Support
The M4K blocks support a parity bit for each byte. The parity bit, along
with internal LE logic, can implement parity checking for error detection
to ensure data integrity. Designers can also use parity-size data words to
store user-specified control bits. Byte enables are also available for data
input masking during write operations.
Shift Register Support
The designer can configure M4K memory blocks to implement shift
registers for DSP applications such as pseudo-random number
generators, multi-channel filtering, auto-correlation, and cross-correlation
functions. These and other DSP applications require local data storage,
traditionally implemented with standard flip-flops, which can quickly
consume many logic cells and routing resources for large shift registers. A
more efficient alternative is to use embedded memory as a shift register
block, which saves logic cell and routing resources and provides a more
efficient implementation with the dedicated circuitry.
The size of a w
× m × n shift register is determined by the input data width
(w), the length of the taps (m), and the number of taps (n). The size of a
w
× m × n shift register must be less than or equal to the maximum number
of memory bits in the M4K block (4,608 bits). The total number of shift
register outputs (number of taps n
× width w) must be less than the
maximum data width of the M4K RAM block (
×36). To create larger shift
registers, multiple memory blocks are cascaded together.


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com