Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 23 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 19Page - Altera Corporation EP1C12F100I7 Datasheet HTML 20Page - Altera Corporation EP1C12F100I7 Datasheet HTML 21Page - Altera Corporation EP1C12F100I7 Datasheet HTML 22Page - Altera Corporation EP1C12F100I7 Datasheet HTML 23Page - Altera Corporation EP1C12F100I7 Datasheet HTML 24Page - Altera Corporation EP1C12F100I7 Datasheet HTML 25Page - Altera Corporation EP1C12F100I7 Datasheet HTML 26Page - Altera Corporation EP1C12F100I7 Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
Altera Corporation
23
Preliminary Information
Cyclone FPGA Family Data Sheet
Embedded
Memory
The Cyclone embedded memory consists of columns of M4K memory
blocks. EP1C3 and EP1C6 devices have one column of M4K blocks, while
EP1C12 and EP1C20 devices have two columns (see Table 1 on page 1 for
total RAM bits per density). Each M4K block can implement various types
of memory with or without parity, including true dual-port, simple dual-
port, and single-port RAM, ROM, and FIFO buffers. The M4K blocks
support the following features:
4,608 RAM bits
200 MHz performance
True dual-port memory
Simple dual-port memory
Single-port memory
Byte enable
Parity bits
Shift register
FIFO buffer
ROM
Mixed clock mode
Memory Modes
The M4K memory blocks include input registers that synchronize writes
and output registers to pipeline designs and improve system
performance. M4K blocks offer a true dual-port mode to support any
combination of two-port operations: two reads, two writes, or one read
and one write at two different clock frequencies. Figure 12 shows true
dual-port memory.
Figure 12. True Dual-Port Memory Configuration
In addition to true dual-port memory, the M4K memory blocks support
simple dual-port and single-port RAM. Simple dual-port memory
supports a simultaneous read and write. Single-port memory supports
non-simultaneous reads and writes. Figure 13 shows these different M4K
RAM memory port configurations.
dataA[]
addressA[]
wrenA
clockA
clockenA
qA[]
aclrA
dataB[]
addressB[]
wrenB
clockB
clockenB
qB[]
aclrB
AB


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com