Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 14Page - Altera Corporation EP1C12F100I7 Datasheet HTML 15Page - Altera Corporation EP1C12F100I7 Datasheet HTML 16Page - Altera Corporation EP1C12F100I7 Datasheet HTML 17Page - Altera Corporation EP1C12F100I7 Datasheet HTML 18Page - Altera Corporation EP1C12F100I7 Datasheet HTML 19Page - Altera Corporation EP1C12F100I7 Datasheet HTML 20Page - Altera Corporation EP1C12F100I7 Datasheet HTML 21Page - Altera Corporation EP1C12F100I7 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
18
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
The R4 interconnects span four LABs, or two LABs and one M4K RAM
block. These resources are used for fast row connections in a four-LAB
region. Every LAB has its own set of R4 interconnects to drive either left
or right. Figure 9 shows R4 interconnect connections from an LAB. R4
interconnects can drive and be driven by M4K memory blocks, PLLs, and
row IOEs. For LAB interfacing, a primary LAB or LAB neighbor can drive
a given R4 interconnect. For R4 interconnects that drive to the right, the
primary LAB and right neighbor can drive on to the interconnect. For R4
interconnects that drive to the left, the primary LAB and its left neighbor
can drive on to the interconnect. R4 interconnects can drive other R4
interconnects to extend the range of LABs they can drive. R4 interconnects
can also drive C4 interconnects for connections from one row to another.
Figure 9. R4 Interconnect Connections
Notes to Figure 9:
(1)
C4 interconnects can drive R4 interconnects.
(2)
This pattern is repeated for every LAB in the LAB row.
The column interconnect operates similarly to the row interconnect. Each
column of LABs is served by a dedicated column interconnect, which
vertically routes signals to and from LABs, M4K memory blocks, and row
and column IOEs. These column resources include:
LUT chain interconnects within an LAB
Register chain interconnects within an LAB
C4 interconnects traversing a distance of four blocks in an up and
down direction
Primary
LAB (2)
R4 Interconnect
Driving Left
Adjacent LAB can
Drive onto Another
LAB's R4 Interconnect
C4 Column Interconnects (1)
R4 Interconnect
Driving Right
LAB
Neighbor
LAB
Neighbor


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com