Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 93 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 93 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 86Page - Altera Corporation EP1C12F100I7 Datasheet HTML 87Page - Altera Corporation EP1C12F100I7 Datasheet HTML 88Page - Altera Corporation EP1C12F100I7 Datasheet HTML 89Page - Altera Corporation EP1C12F100I7 Datasheet HTML 90Page - Altera Corporation EP1C12F100I7 Datasheet HTML 91Page - Altera Corporation EP1C12F100I7 Datasheet HTML 92Page - Altera Corporation EP1C12F100I7 Datasheet HTML 93Page - Altera Corporation EP1C12F100I7 Datasheet HTML 94Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 94 page
background image
Altera Corporation
93
Preliminary Information
Cyclone FPGA Family Data Sheet
Note to Tables 69
− 70:
(1)
EP1C3 devices do not support the PCI I/O standard. These parameters are only
available on row I/O pins.
Software
Cyclone devices are supported by the Altera Quartus II design software,
which provides a comprehensive environment for system-on-a-
programmable-chip (SOPC) design. The Quartus II software includes
HDL and schematic design entry, compilation and logic synthesis, full
simulation and advanced timing analysis, SignalTap II logic analysis, and
device configuration. See the Design Software Selector Guide for more
details on the Quartus II software features.
The Quartus II software supports the Windows 2000/NT/98, Sun Solaris,
Linux Red Hat v7.1 and HP-UX operating systems. It also supports
seamless integration with industry-leading EDA tools through the
NativeLink® interface.
Device Pin-
Outs
Device pin-outs for Cyclone devices are available on the Altera web site
(http://www.altera.com).
Ordering
Information
Figure 39 describes the ordering codes for Cyclone devices. For more
information on a specific package, refer to the Altera Device Package
Information Data Sheet.
Table 70. Cyclone Maximum Output Clock Rate for Row Pins
I/O Standard
-6 Speed
Grade
-7 Speed
Grade
-8 Speed
Grade
Unit
LVTTL
304
304
304
MHz
2.5 V
220
220
220
MHz
1.8 V
213
213
213
MHz
1.5 V
166
166
166
MHz
LVCMOS
304
304
304
MHz
SSTL-3 class I
100
100
100
MHz
SSTL-3 class II
100
100
100
MHz
SSTL-2 class I
134
134
134
MHz
SSTL-2 class II
134
134
134
MHz
3.3-V PCI (1)
66
66
66
MHz
LVDS
231
231
231
MHz


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com