Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 90 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 86Page - Altera Corporation EP1C12F100I7 Datasheet HTML 87Page - Altera Corporation EP1C12F100I7 Datasheet HTML 88Page - Altera Corporation EP1C12F100I7 Datasheet HTML 89Page - Altera Corporation EP1C12F100I7 Datasheet HTML 90Page - Altera Corporation EP1C12F100I7 Datasheet HTML 91Page - Altera Corporation EP1C12F100I7 Datasheet HTML 92Page - Altera Corporation EP1C12F100I7 Datasheet HTML 93Page - Altera Corporation EP1C12F100I7 Datasheet HTML 94Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
90
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Note to Tables 59
− 64:
(1)
EP1C3 devices do not support the PCI I/O standard.
Table 65 shows the adder delays for the IOE programmable delays. These
delays are controlled with the Quartus II software options listed in the
Parameter column.
1.8-V LVTTL
2 mA
6,606
7,267
7,927
ps
8 mA
5,112
5,623
6,134
ps
12 mA
4,862
5,348
5,834
ps
1.5-V LVTTL
2 mA
8,380
9,218
10,055
ps
4 mA
7,437
8,180
8,923
ps
8 mA
6,888
7,576
8,264
ps
3.3-V PCI
1,175
1,292
1,409
ps
SSTL-3 class I
1,799
1,979
2,158
ps
SSTL-3 class II
1,363
1,499
1,635
ps
SSTL-2 class I
2,115
2,326
2,537
ps
SSTL-2 class II
1,820
2,001
2,183
ps
LVDS
1,330
1,463
1,595
ps
Table 64. Cyclone I/O Standard Output Delay Adders for Slow Slew Rate on Row Pins (Part 2 of 2)
I/O Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
MinMax
MinMax
MinMax
Table 65. Cyclone IOE Programmable Delays on Column Pins
Parameter
Setting
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
Decrease input delay to
internal cells
On
3,057
3,362
3,668
ps
Small
2,212
2,433
2,654
ps
Medium
2,639
2,902
3,166
ps
Large
3,057
3,362
3,668
ps
Decrease input delay to
input register
On
3,057
3,362
3,668
ps
Increase delay to output
pin
On
552
607
662
ps


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com