Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 87 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 87 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 83Page - Altera Corporation EP1C12F100I7 Datasheet HTML 84Page - Altera Corporation EP1C12F100I7 Datasheet HTML 85Page - Altera Corporation EP1C12F100I7 Datasheet HTML 86Page - Altera Corporation EP1C12F100I7 Datasheet HTML 87Page - Altera Corporation EP1C12F100I7 Datasheet HTML 88Page - Altera Corporation EP1C12F100I7 Datasheet HTML 89Page - Altera Corporation EP1C12F100I7 Datasheet HTML 90Page - Altera Corporation EP1C12F100I7 Datasheet HTML 91Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
Altera Corporation
87
Preliminary Information
Cyclone FPGA Family Data Sheet
Table 61. Cyclone I/O Standard Output Delay Adders for Fast Slew Rate on Column Pins
Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
2 mA
1,105
1,216
1,326
ps
4 mA
601
661
721
ps
8 mA
137
151
164
ps
12 mA
0
0
0
ps
3.3-V LVTTL
4 mA
1,105
1,216
1,326
ps
8 mA
740
814
888
ps
12 mA
130
143
156
ps
16 mA
178
196
213
ps
24 mA
0
0
0
ps
2.5-V LVTTL
2 mA
1,504
1,654
1,804
ps
8 mA
307
338
368
ps
12 mA
338
372
405
ps
16 mA
195
214
234
ps
1.8-V LVTTL
2 mA
1,062
1,168
1,274
ps
8 mA
812
893
974
ps
12 mA
812
893
974
ps
1.5-V LVTTL
2 mA
2,556
2,812
3,067
ps
4 mA
1,613
1,774
1,935
ps
8 mA
1,064
1,170
1,276
ps
SSTL-3 class I
616
678
739
ps
SSTL-3 class II
180
198
216
ps
SSTL-2 class I
528
581
633
ps
SSTL-2 class II
233
256
279
ps
LVDS
147
162
176
ps
Table 62. Cyclone I/O Standard Output Delay Adders for Fast Slew Rate on Row Pins (Part 1 of 2)
Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
2 mA
1,105
1,216
1,326
ps
4 mA
601
661
721
ps
8 mA
137
151
164
ps
12 mA
0
0
0
ps


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com