Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 84 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 80Page - Altera Corporation EP1C12F100I7 Datasheet HTML 81Page - Altera Corporation EP1C12F100I7 Datasheet HTML 82Page - Altera Corporation EP1C12F100I7 Datasheet HTML 83Page - Altera Corporation EP1C12F100I7 Datasheet HTML 84Page - Altera Corporation EP1C12F100I7 Datasheet HTML 85Page - Altera Corporation EP1C12F100I7 Datasheet HTML 86Page - Altera Corporation EP1C12F100I7 Datasheet HTML 87Page - Altera Corporation EP1C12F100I7 Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
84
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Tables 55 through 56 show the external timing parameters on column and
row pins for EP1C12 devices.
Table 55. EP1C12 Column Pin Global Clock External I/O Timing Parameters
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.187
2.363
2.535
ns
tINH
0.000
0.000
0.000
ns
tOUTCO
2.000
3.965
2.000
4.401
2.000
4.845
ns
tXZ
5.592
6.192
6.798
ns
tZX
5.592
6.192
6.798
ns
tINSUPLL
1.152
1.260
1.368
ns
tINHPLL
0.000
0.000
0.000
ns
tOUTCOPLL
0.500
1.943
0.500
2.142
0.500
2.344
ns
tXZPLL
3.570
3.933
4.297
ns
tZXPLL
3.570
3.933
4.297
ns
Table 56. EP1C12 Row Pin Global Clock External I/O Timing Parameters
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.308
2.502
2.694
ns
tINH
0.000
0.000
0.000
ns
tOUTCO
2.000
3.827
2.000
4.243
2.000
4.666
ns
tXZ
5.413
5.988
6.570
ns
tZX
5.413
5.988
6.570
ns
tINSUPLL
1.273
1.399
1.527
ns
tINHPLL
0.000
0.000
0.000
ns
tOUTCOPLL
0.500
1.805
0.500
1.984
0.500
2.165
ns
tXZPLL
3.391
3.729
4.069
ns
tZXPLL
3.391
3.729
4.069
ns


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com