Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 80 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 80 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 76Page - Altera Corporation EP1C12F100I7 Datasheet HTML 77Page - Altera Corporation EP1C12F100I7 Datasheet HTML 78Page - Altera Corporation EP1C12F100I7 Datasheet HTML 79Page - Altera Corporation EP1C12F100I7 Datasheet HTML 80Page - Altera Corporation EP1C12F100I7 Datasheet HTML 81Page - Altera Corporation EP1C12F100I7 Datasheet HTML 82Page - Altera Corporation EP1C12F100I7 Datasheet HTML 83Page - Altera Corporation EP1C12F100I7 Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
80
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 48 shows the external I/O timing parameters when using global
clock networks.
Notes to Table 48:
(1)
These timing parameters are sample-tested only.
(2)
These timing parameters are for IOE pins using a 3.3-V LVTTL, 24-mA setting. Designers should use the Quartus II
software to verify the external timing for any pin.
Table 48. Cyclone Global Clock External I/O Timing Parameters
Notes (1), (2)
Symbol
Parameter
Conditions
tINSU
Setup time for input or bidirectional pin using IOE input
register with global clock fed by CLK pin
tINH
Hold time for input or bidirectional pin using IOE input
register with global clock fed by CLK pin
tOUTCO
Clock-to-output delay output or bidirectional pin using IOE
output register with global clock fed by CLK pin
CLOAD = 10 pF
tXZ
Synchronous column IOE output enable register to output
pin disable delay using global clock fed by CLK pin
CLOAD = 10 pF
tZX
Synchronous column IOE output enable register to output
pin enable delay using global clock fed by CLK pin
CLOAD = 10 pF
tINSUPLL
Setup time for input or bidirectional pin using IOE input
register with global clock fed by Enhanced PLL with default
phase setting
tINHPLL
Hold time for input or bidirectional pin using IOE input
register with global clock fed by enhanced PLL with default
phase setting
tOUTCOPLL
Clock-to-output delay output or bidirectional pin using IOE
output register with global clock enhanced PLL with default
phase setting
CLOAD = 10 pF
tXZPLL
Synchronous column IOE output enable register to output
pin disable delay using global clock fed by enhanced PLL
with default phase setting
CLOAD = 10 pF
tZXPLL
Synchronous column IOE output enable register to output
pin enable delay using global clock fed by enhanced PLL
with default phase setting
CLOAD = 10 pF


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com