Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 75 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 71Page - Altera Corporation EP1C12F100I7 Datasheet HTML 72Page - Altera Corporation EP1C12F100I7 Datasheet HTML 73Page - Altera Corporation EP1C12F100I7 Datasheet HTML 74Page - Altera Corporation EP1C12F100I7 Datasheet HTML 75Page - Altera Corporation EP1C12F100I7 Datasheet HTML 76Page - Altera Corporation EP1C12F100I7 Datasheet HTML 77Page - Altera Corporation EP1C12F100I7 Datasheet HTML 78Page - Altera Corporation EP1C12F100I7 Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
Altera Corporation
75
Preliminary Information
Cyclone FPGA Family Data Sheet
Table 41. IOE Internal Timing Microparameter Descriptions
Symbol
Parameter
tSU
IOE input and output register setup time before clock
tH
IOE input and output register hold time after clock
tCO
IOE input and output register clock-to-output delay
tPIN2COMBOUT_R
Row input pin to IOE combinatorial output
tPIN2COMBOUT_C
Column input pin to IOE combinatorial output
tCOMBIN2PIN_R
Row IOE data input to combinatorial output pin
tCOMBIN2PIN_C
Column IOE data input to combinatorial output pin
tCLR
Minimum clear pulse width
tPRE
Minimum preset pulse width
tCLKHL
Minimum clock high or low time
Table 42. M4K Block Internal Timing Microparameter Descriptions
Symbol
Parameter
tM4KRC
Synchronous read cycle time
tM4KWC
Synchronous write cycle time
tM4KWERESU
Write or read enable setup time before clock
tM4KWEREH
Write or read enable hold time after clock
tM4KBESU
Byte enable setup time before clock
tM4KBEH
Byte enable hold time after clock
tM4KDATAASU
A port data setup time before clock
tM4KDATAAH
A port data hold time after clock
tM4KADDRASU
A port address setup time before clock
tM4KADDRAH
A port address hold time after clock
tM4KDATABSU
B port data setup time before clock
tM4KDATABH
B port data hold time after clock
tM4KADDRBSU
B port address setup time before clock
tM4KADDRBH
B port address hold time after clock
tM4KDATACO1
Clock-to-output delay when using output registers
tM4KDATACO2
Clock-to-output delay without output registers
tM4KCLKHL
Minimum clock high or low time
tM4KCLR
Minimum clear pulse width


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com