Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 72 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation EP1C12F100I7 Datasheet HTML 69Page - Altera Corporation EP1C12F100I7 Datasheet HTML 70Page - Altera Corporation EP1C12F100I7 Datasheet HTML 71Page - Altera Corporation EP1C12F100I7 Datasheet HTML 72Page - Altera Corporation EP1C12F100I7 Datasheet HTML 73Page - Altera Corporation EP1C12F100I7 Datasheet HTML 74Page - Altera Corporation EP1C12F100I7 Datasheet HTML 75Page - Altera Corporation EP1C12F100I7 Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
72
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 35. SSTL-3 Class I Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output supply voltage
3.0
3.3
3.6
V
VTT
Termination voltage
VREF – 0.05
VREF
VREF + 0.05
V
VREF
Reference voltage
1.3
1.5
1.7
V
VIH
High-level input voltage
VREF + 0.2
VCCIO + 0.3
V
VIL
Low-level input voltage
–0.3
VREF – 0.2
V
VOH
High-level output voltage
IOH = –8 mA (9)
VTT + 0.6
V
VOL
Low-level output voltage
IOL = 8 mA (9)
VTT – 0.6
V
Table 36. SSTL-3 Class II Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output supply voltage
3.0
3.3
3.6
V
VTT
Termination voltage
VREF – 0.05
VREF
VREF + 0.05
V
VREF
Reference voltage
1.3
1.5
1.7
V
VIH
High-level input voltage
VREF + 0.2
VCCIO + 0.3
V
VIL
Low-level input voltage
–0.3
VREF – 0.2
V
VOH
High-level output voltage
IOH = –16 mA (9)
VTT + 0.8
V
VOL
Low-level output voltage
IOL = 16 mA (9)
VTT – 0.8
V
Table 37. Bus Hold Parameters
Parameter
Conditions
VCCIO Level
Unit
1.5 V1.8 V2.5 V3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Low sustaining
current
VIN > VIL
(maximum)
30
50
70
µA
High sustaining
current
VIN < VIH
(minimum)
–30
–50
–70
µA
Low overdrive
current
0 V < VIN <
VCCIO
200
300
500
µA
High overdrive
current
0 V < VIN <
VCCIO
–200
–300
–500
µA


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com