Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 70 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 70 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 66Page - Altera Corporation EP1C12F100I7 Datasheet HTML 67Page - Altera Corporation EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation EP1C12F100I7 Datasheet HTML 69Page - Altera Corporation EP1C12F100I7 Datasheet HTML 70Page - Altera Corporation EP1C12F100I7 Datasheet HTML 71Page - Altera Corporation EP1C12F100I7 Datasheet HTML 72Page - Altera Corporation EP1C12F100I7 Datasheet HTML 73Page - Altera Corporation EP1C12F100I7 Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
70
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 29. 1.8-V I/O Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
Output supply voltage
1.65
1.95
V
VIH
High-level input voltage
0.65
× V
CCIO
2.25
V
VIL
Low-level input voltage
–0.3
0.35
× V
CCIO
V
VOH
High-level output voltage
IOH = –2 to –8 mA (9)
VCCIO – 0.45
V
VOL
Low-level output voltage
IOL = 2 to 8 mA (9)
0.45
V
Table 30. 1.5-V I/O Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
Output supply voltage
1.4
1.6
V
VIH
High-level input voltage
0.65
× V
CCIO
VCCIO + 0.3
V
VIL
Low-level input voltage
–0.3
0.35
× V
CCIO
V
VOH
High-level output voltage
IOH = –2 mA (9)
0.75
× V
CCIO
V
VOL
Low-level output voltage
IOL = 2 mA (9)
0.25
× V
CCIO
V
Table 31. 2.5-V LVDS I/O Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
I/O supply voltage
2.375
2.5
2.625
V
VOD
Differential output voltage
RL = 100 Ω
250
550
mV
∆ V
OD
Change in VOD between
high and low
RL = 100 Ω
50
mV
VOS
Output offset voltage
RL = 100 Ω
1.125
1.25
1.375
V
∆ V
OS
Change in VOS between
high and low
RL = 100 Ω
50
mV
VTH
Differential input threshold
VCM = 1.2 V
–100
100
mV
VIN
Receiver input voltage
range
0.0
2.4
V
RL
Receiver differential input
resistor
90
100
110


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com