Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 68 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 68 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 64Page - Altera Corporation EP1C12F100I7 Datasheet HTML 65Page - Altera Corporation EP1C12F100I7 Datasheet HTML 66Page - Altera Corporation EP1C12F100I7 Datasheet HTML 67Page - Altera Corporation EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation EP1C12F100I7 Datasheet HTML 69Page - Altera Corporation EP1C12F100I7 Datasheet HTML 70Page - Altera Corporation EP1C12F100I7 Datasheet HTML 71Page - Altera Corporation EP1C12F100I7 Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
68
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Table 24. Cyclone Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage for internal logic
and input buffers
(4)
1.425
1.575
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(4)
3.00
3.60
V
Supply voltage for output buffers,
2.5-V operation
(4)
2.375
2.625
V
Supply voltage for output buffers,
1.8-V operation
(4)
1.71
1.89
V
Supply voltage for output buffers,
1.5-V operation
(4)
1.4
1.6
V
VI
Input voltage
(3), (5)
–0.5
4.1
V
VO
Output voltage
0
VCCIO
V
TJ
Operating junction temperature
For commercial
use
085
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Table 25. Cyclone Device DC Operating Conditions
Note (6)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
II
Input pin leakage
current
VI = VCCIOmax to 0 V
(7)
–10
10
µA
IOZ
Tri-stated I/O pin
leakage current
VO = VCCIOmax to 0 V
(7)
–10
10
µA
ICC0
VCC supply current
(standby) (All M4K
blocks in power-
down mode)
VI = ground, no load,
no toggling inputs
10
mA
RCONF
Value of I/O pin pull-
up resistor before
and during
configuration
VCCIO = 3.0 V (8)
20
50
k
VCCIO = 2.375 V (8)
30
80
k
VCCIO = 1.71 V (8)
60
150
k


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com