Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 65 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 65 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 61Page - Altera Corporation EP1C12F100I7 Datasheet HTML 62Page - Altera Corporation EP1C12F100I7 Datasheet HTML 63Page - Altera Corporation EP1C12F100I7 Datasheet HTML 64Page - Altera Corporation EP1C12F100I7 Datasheet HTML 65Page - Altera Corporation EP1C12F100I7 Datasheet HTML 66Page - Altera Corporation EP1C12F100I7 Datasheet HTML 67Page - Altera Corporation EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation EP1C12F100I7 Datasheet HTML 69Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
Altera Corporation
65
Preliminary Information
Cyclone FPGA Family Data Sheet
f For more information on JTAG, see the following documents:
Application Note 39 (IEEE Std. 1149.1 (JTAG) Boundary-Scan Testing in
Altera Devices)
Jam Programming & Test Language Specification
SignalTap II
Embedded
Logic Analyzer
Cyclone devices feature the SignalTap II embedded logic analyzer, which
monitors design operation over a period of time through the IEEE
Std. 1149.1 (JTAG) circuitry. A designer can analyze internal logic at speed
without bringing internal signals to the I/O pins. This feature is
particularly important for advanced packages, such as FineLine BGA
packages, because it can be difficult to add a connection to a pin during
the debugging process after a board is designed and manufactured.
Configuration
The logic, circuitry, and interconnects in the Cyclone architecture are
configured with CMOS SRAM elements. Cyclone devices are
reconfigurable and are 100% tested prior to shipment. As a result, the
designer does not have to generate test vectors for fault coverage
purposes, and can instead focus on simulation and design verification. In
addition, the designer does not need to manage inventories of different
ASIC designs. Cyclone devices can be configured on the board for the
specific functionality required.
Cyclone devices are configured at system power-up with data stored in an
Altera configuration device or provided by a system controller. The
Cyclone device’s optimized interface allows the device to act as controller
in an active serial configuration scheme with the new low-cost serial
configuration device. Cyclone devices can be configured in under 120 ms
using serial data at 20 MHz. The serial configuration device can be
programmed via the ByteBlaster II download cable, the Altera
Programming Unit (APU), or third-party programmers.
In addition to the new low-cost serial configuration device, Altera offers
in-system programmability (ISP)-capable configuration devices that can
configure Cyclone devices via a serial data stream. The interface also
enables microprocessors to treat Cyclone devices as memory and
configure them by writing to a virtual memory location, making
reconfiguration easy. After a Cyclone device has been configured, it can
be reconfigured in-circuit by resetting the device and loading new data.
Real-time changes can be made during system operation, enabling
innovative reconfigurable computing applications.


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com