Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 64 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 64 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 60Page - Altera Corporation EP1C12F100I7 Datasheet HTML 61Page - Altera Corporation EP1C12F100I7 Datasheet HTML 62Page - Altera Corporation EP1C12F100I7 Datasheet HTML 63Page - Altera Corporation EP1C12F100I7 Datasheet HTML 64Page - Altera Corporation EP1C12F100I7 Datasheet HTML 65Page - Altera Corporation EP1C12F100I7 Datasheet HTML 66Page - Altera Corporation EP1C12F100I7 Datasheet HTML 67Page - Altera Corporation EP1C12F100I7 Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
64
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Figure 36 shows the timing requirements for the JTAG signals.
Figure 36. Cyclone JTAG Waveforms
Table 21 shows the JTAG timing parameters and values for Cyclone
devices.
Table 21. Cyclone JTAG Timing Parameters & Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
ns
tJCH
TCK
clock high time
50
ns
tJCL
TCK
clock low time
50
ns
tJPSU
JTAG port setup time
20
ns
tJPH
JTAG port hold time
45
ns
tJPCO
JTAG port clock to output
25
ns
tJPZX
JTAG port high impedance to valid output
25
ns
tJPXZ
JTAG port valid output to high impedance
25
ns
tJSSU
Capture register setup time
20
ns
tJSH
Capture register hold time
45
ns
tJSCO
Update register clock to output
35
ns
tJSZX
Update register high impedance to valid output
35
ns
tJSXZ
Update register valid output to high impedance
35
ns
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI
TMS
Signal
to Be
Captured
Signal
to Be
Driven
t
JSZX
tJSSU
tJSH
t
JSCO
tJSXZ


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com