Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 53 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 53 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 49Page - Altera Corporation EP1C12F100I7 Datasheet HTML 50Page - Altera Corporation EP1C12F100I7 Datasheet HTML 51Page - Altera Corporation EP1C12F100I7 Datasheet HTML 52Page - Altera Corporation EP1C12F100I7 Datasheet HTML 53Page - Altera Corporation EP1C12F100I7 Datasheet HTML 54Page - Altera Corporation EP1C12F100I7 Datasheet HTML 55Page - Altera Corporation EP1C12F100I7 Datasheet HTML 56Page - Altera Corporation EP1C12F100I7 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
Altera Corporation
53
Preliminary Information
Cyclone FPGA Family Data Sheet
Table 13 shows the number of DQ pin groups per device.
Note to Table 13:
(1)
EP1C3 devices in the 100-pin TQFP package do not have any DQ pin groups in I/O
bank 1.
A programmable delay chain on each DQS pin allows for either a 90°
phase shift (for DDR SDRAM), or a 72° phase shift (for FCRAM) which
automatically center-aligns input DQS synchronization signals within the
data window of their corresponding DQ data signals. The phase-shifted
DQS signals drive the global clock network. This global DQS signal clocks
DQ signals on internal LE registers.
These DQS delay elements combine with the PLL’s clocking and phase
shift ability to provide a complete hardware solution for interfacing to
high-speed memory.
The clock phase shift allows the PLL to clock the DQ output enable and
output paths. The designer should use the following guidelines to meet
133 MHz performance for DDR SDRAM and FCRAM interfaces:
The DQS signal must be in the middle of the DQ group it clocks
Resynchronize the incoming data to the logic array clock using
successive LE registers or FIFO buffers
LE registers must be placed in the LAB adjacent to the DQ I/O pin
column it is fed by
Table 13. DQ Pin Groups
Device
Package
Number of
×8 DQ
Pin Groups
Total DQ Pin
Count
EP1C3
100-pin TQFP (1)
324
144-pin TQFP
4
32
EP1C4
324-pin FineLine BGA
8
64
400-pin FineLine BGA
8
64
EP1C6
144-pin TQFP
4
32
240-pin PQFP
4
32
256-pin FineLine BGA
4
32
EP1C12
240-pin PQFP
4
32
256-pin FineLine BGA
4
32
324-pin FineLine BGA
8
64
EP1C20
324-pin FineLine BGA
8
64
400-pin FineLine BGA
8
64


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com