Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I7 Datasheet(PDF) 51 Page - Altera Corporation

Part # EP1C12F100I7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I7 Datasheet(HTML) 51 Page - Altera Corporation

Back Button EP1C12F100I7 Datasheet HTML 47Page - Altera Corporation EP1C12F100I7 Datasheet HTML 48Page - Altera Corporation EP1C12F100I7 Datasheet HTML 49Page - Altera Corporation EP1C12F100I7 Datasheet HTML 50Page - Altera Corporation EP1C12F100I7 Datasheet HTML 51Page - Altera Corporation EP1C12F100I7 Datasheet HTML 52Page - Altera Corporation EP1C12F100I7 Datasheet HTML 53Page - Altera Corporation EP1C12F100I7 Datasheet HTML 54Page - Altera Corporation EP1C12F100I7 Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
Altera Corporation
51
Preliminary Information
Cyclone FPGA Family Data Sheet
A path in which a pin directly drives a register may require a
programmable delay to ensure zero hold time, whereas a path in which a
pin drives a register through combinatorial logic may not require the
delay. Programmable delays decrease input-pin-to-logic-array and IOE
input register delays. The Quartus II Compiler can program these delays
to automatically minimize setup time while providing a zero hold time.
Programmable delays can increase the register-to-pin delays for output
registers. Table 12 shows the programmable delays for Cyclone devices.
There are two paths in the IOE for a combinatorial input to reach the logic
array. Each of the two paths can have a different delay. This allows the
designer to adjust delays from the pin to internal LE registers that reside
in two different areas of the device. The designer sets the two
combinatorial input delays by selecting different delays for two different
paths under the Decrease input delay to internal cells logic option in the
Quartus II software. When the input signal requires two different delays
for the combinatorial input, the input register in the IOE is no longer
available.
The IOE registers in Cyclone devices share the same source for clear or
preset. The designer can program preset or clear for each individual IOE.
The designer can also program the registers to power up high or low after
configuration is complete. If programmed to power up low, an
asynchronous clear can control the registers. If programmed to power up
high, an asynchronous preset can control the registers. This feature
prevents the inadvertent activation of another device’s active-low input
upon power up. If one register in an IOE uses a preset or clear signal then
all registers in the IOE must use that same signal if they require preset or
clear. Additionally a synchronous reset signal is available to the designer
for the IOE registers.
External RAM Interfacing
Cyclone devices support DDR SDRAM and FCRAM interfaces at up to
133 MHz through dedicated circuitry.
Table 12. Cyclone Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin to logic array delay
Decrease input delay to internal cells
Input pin to input register delay
Decrease input delay to input registers
Output pin delay
Increase delay to output pin


Similar Part No. - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I7ES ALTERA-EP1C12F100I7ES Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12F100I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com