Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT9926NW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GT9926NW
Description  Mini size of Discrete semiconductor elements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GT9926NW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GT9926NW Datasheet HTML 2Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 3Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 4Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 5Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 6Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 7Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 8Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 9Page - List of Unclassifed Manufacturers GT9926NW Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
D
H
H
BOTTOM
VIEW
E
A
B
C
G
Dim
Min
Max
A
4.32
4.83
B
4.32
4.78
C
12.50
15.62
D
0.36
0.56
E
3.15
3.94
G
2.29
2.79
H
1.14
1.40
TO-92
Lead configuration shown is for bulk product packaging only.
See ANSI/EIA-486 for Radial Tape specifications.
A
B
D
E
G
G
C
+
-
+
-
WOG / AM
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
D
25.40
E
0.71
0.81
G
4.60
5.60
A
A
B
C
D
ABCD
Dim
Min
Max
Min
Max
Min
Max
Min
Max
A-405
25.40
4.10
5.20
0.53
0.64
2.00
2.70
DO-35
25.40

4.00
0.60
2.00
DO-41 Plastic
25.40
4.06
5.21
0.71
0.864
2.00
2.72
DO-41 Glass
25.40

4.70
0.863
2.71
DO-15
25.40
5.50
7.62
0.686
0.889
2.60
3.60
DO-201
25.40
8.50
9.53
0.96
1.06
4.80
5.21
DO-201AD
25.40
7.20
9.50
1.20
1.30
4.80
5.30
R-6
25.40
8.60
9.10
1.20
1.30
8.60
9.10
T-1
25.40
2.60
3.20
0.53
0.64
2.20
2.60
5W
25.40
8.38
8.89
0.94
1.09
3.30
3.68
5KP
25.40

8.60
0.95
1.07
9.53
5KW
25.40

9.00
1.20
1.30
8.00
Axial Devices (Through-Hole)
K
P.30
Millimet ers SOP-8 / TSSOP-8
Dim
Min.
Max.
A
1.35 / 1.0
1.75 / 1.2
A1
0.10 / 0.1
0.25 / 0.15
D
4.80 / 2.9
5.00 / 3.1
E
3.80 / 4.3
4.00 / 4.5
H
5.80 / 6.2
6.20 / 6.6
L
0.40 / -
1.27 / -
e1
0.33 / -
0.51/ -
e2
1.27BSC / 0.65BSC
H
E
e1
e2
D
A
A1
0.004max.
SOP-8 / TSSOP-8
E1
L1
D
D1
b
b1
e
e
B1
L2
L3
L
C
A1
F
P.31


Similar Part No. - GT9926NW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT9-12P-2.54DS HIROSE-GT9-12P-2.54DS Datasheet
146Kb / 5P
   Developed for Equipment Exposed to Harsh Environmental Conditions
GT9-12P-2.54DS05 HIROSE-GT9-12P-2.54DS05 Datasheet
146Kb / 5P
   Developed for Equipment Exposed to Harsh Environmental Conditions
GT9-12S-2.54DSA HIROSE-GT9-12S-2.54DSA Datasheet
146Kb / 5P
   Developed for Equipment Exposed to Harsh Environmental Conditions
GT9-12S-2.54DSA05 HIROSE-GT9-12S-2.54DSA05 Datasheet
146Kb / 5P
   Developed for Equipment Exposed to Harsh Environmental Conditions
GT9-15P-2.54DS HIROSE-GT9-15P-2.54DS Datasheet
146Kb / 5P
   Developed for Equipment Exposed to Harsh Environmental Conditions
More results

Similar Description - GT9926NW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com