Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGBU408 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FGBU408
Description  4.0A UITRASOFT RECOVERY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FGBU408 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FGBU408 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FGBU408 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FGBU408 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FGBU406 THRU FGBU410 GBU
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
4.0A UITRASOFT RECOVERY BRIDGE
RECTIFIER Reverse Voltage
– 600 to 1000 V
Forward Current
– 4.0A
FEATURES
Uitrasoft recovery
Low IRRM, Low VF, Low VRRM
Glass Passivated Chip Junction
Special frame design for heat dissipation
Lead free in comply with EU RoHS 2011/65/EU directives
BENEFITS
Reduced EMI
Reduced Power loss and switching transistor
Reduced snubbing
MECHANICAL DATA
Case: GBU
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 3.9g / 0.138oz
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
FGBU406
FGBU408
FGBU410
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
600
800
1000
V
Maximum RMS voltage
VRMS
420
560
700
V
Maximum DC Blocking Voltage
VDC
600
800
1000
V
Average Rectified Output Current
Io
4.0
A
Reverse Recovery Time.IF=0.5A,IR=1A,IRR=0.25A
Trr
10
uS
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave
Superimposed on Rated Load(JEDEC method)
IFSM
110
A
I2t Rating for Fusing(1ms
≤t≤10ms)
I
2t
95
A
2S
Maximum Forward Voltage at 2.0 A
VF
1.0
V
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=125℃
IR
5
100
uA
Typical Junction Capacitance
Note1)
Cj
50
pF
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +175
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×1.5"×1.5"(3.81×3.81 cm)copper pad.
1.Input pin(+)
2.Input pin(~)
3.Output Anode(~)
4.Output Cathode(-)
GBU


Similar Part No. - FGBU408

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FGBU1006 YFWDIODE-FGBU1006 Datasheet
960Kb / 3P
10.0A UITRASOFT RECOVERY BRIDGE
FGBU1008 YFWDIODE-FGBU1008 Datasheet
960Kb / 3P
10.0A UITRASOFT RECOVERY BRIDGE
FGBU1010 YFWDIODE-FGBU1010 Datasheet
960Kb / 3P
10.0A UITRASOFT RECOVERY BRIDGE
FGBU606 YFWDIODE-FGBU606 Datasheet
1Mb / 3P
6.0A UITRASOFT RECOVERY BRIDGE
FGBU608 YFWDIODE-FGBU608 Datasheet
1Mb / 3P
6.0A UITRASOFT RECOVERY BRIDGE
More results

Similar Description - FGBU408

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
WRABS20J YFWDIODE-WRABS20J Datasheet
394Kb / 3P
2.0A UITRASOFT RECOVERY BRIDGE
WRGBL406 YFWDIODE-WRGBL406 Datasheet
1Mb / 3P
4.0A UITRASOFT RECOVERY BRIDGE
WRGBP406 YFWDIODE-WRGBP406 Datasheet
1Mb / 3P
4.0A UITRASOFT RECOVERY BRIDGE
WRGBU406 YFWDIODE-WRGBU406 Datasheet
1Mb / 3P
4.0A UITRASOFT RECOVERY BRIDGE
WRMSB25J YFWDIODE-WRMSB25J Datasheet
370Kb / 3P
2.5A UITRASOFT RECOVERY BRIDGE
WRMSB30J YFWDIODE-WRMSB30J Datasheet
370Kb / 3P
3.0A UITRASOFT RECOVERY BRIDGE
WRMSB40J YFWDIODE-WRMSB40J Datasheet
370Kb / 3P
4.0A UITRASOFT RECOVERY BRIDGE
FGBU1006 YFWDIODE-FGBU1006 Datasheet
960Kb / 3P
10.0A UITRASOFT RECOVERY BRIDGE
FKBP410 YFWDIODE-FKBP410 Datasheet
1Mb / 3P
4.0A UITRASOFT RECOVERY BRIDGE
WRGBP210 YFWDIODE-WRGBP210 Datasheet
1Mb / 3P
2.0A UITRASOFT RECOVERY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com