Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGBU408 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FGBU408
Description  4.0A UITRASOFT RECOVERY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FGBU408 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FGBU408 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FGBU408 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FGBU408 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FGBU406 THRU FGBU410 GBU
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
350
GBU
GBU
BOX
Package Outline
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1


Similar Part No. - FGBU408

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FGBU1006 YFWDIODE-FGBU1006 Datasheet
960Kb / 3P
   10.0A UITRASOFT RECOVERY BRIDGE
FGBU1008 YFWDIODE-FGBU1008 Datasheet
960Kb / 3P
   10.0A UITRASOFT RECOVERY BRIDGE
FGBU1010 YFWDIODE-FGBU1010 Datasheet
960Kb / 3P
   10.0A UITRASOFT RECOVERY BRIDGE
FGBU606 YFWDIODE-FGBU606 Datasheet
1Mb / 3P
   6.0A UITRASOFT RECOVERY BRIDGE
FGBU608 YFWDIODE-FGBU608 Datasheet
1Mb / 3P
   6.0A UITRASOFT RECOVERY BRIDGE
More results

Similar Description - FGBU408

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FKBP410 YFWDIODE-FKBP410 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRMSB40J YFWDIODE-WRMSB40J Datasheet
370Kb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBL406 YFWDIODE-WRGBL406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBP406 YFWDIODE-WRGBP406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBU406 YFWDIODE-WRGBU406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBP210 YFWDIODE-WRGBP210 Datasheet
1Mb / 3P
   2.0A UITRASOFT RECOVERY BRIDGE
WRMSB25J YFWDIODE-WRMSB25J Datasheet
370Kb / 3P
   2.5A UITRASOFT RECOVERY BRIDGE
FGBU1006 YFWDIODE-FGBU1006 Datasheet
960Kb / 3P
   10.0A UITRASOFT RECOVERY BRIDGE
WRABS20J YFWDIODE-WRABS20J Datasheet
394Kb / 3P
   2.0A UITRASOFT RECOVERY BRIDGE
WRMSB30J YFWDIODE-WRMSB30J Datasheet
370Kb / 3P
   3.0A UITRASOFT RECOVERY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com