Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7805A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM7805A
Description  3-Terminal 1A Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM7805A Datasheet HTML 1Page - Fairchild Semiconductor LM7805A Datasheet HTML 2Page - Fairchild Semiconductor LM7805A Datasheet HTML 3Page - Fairchild Semiconductor LM7805A Datasheet HTML 4Page - Fairchild Semiconductor LM7805A Datasheet HTML 5Page - Fairchild Semiconductor LM7805A Datasheet HTML 6Page - Fairchild Semiconductor LM7805A Datasheet HTML 7Page - Fairchild Semiconductor LM7805A Datasheet HTML 8Page - Fairchild Semiconductor LM7805A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The datasheet specifications should be met, without exception, to ensure
that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifica-
tions.
Electrical Characteristics (LM7805)
(Refer to the test circuits.
40qC  TJ  125qC, IO = 500mA, VI = 10V, CI = 0.1PF, unless otherwise specified)
Note 2: Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with
low duty is used.
Note 3: These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Value
Unit
Input Voltage (for VO = 5V to 18V)
VI
35
V
(for VO = 24V)
VI
40
V
Thermal Resistance Junction-Cases (TO-220)
RTJC
5
qC/W
Thermal Resistance Junction-Air (TO-220)
RTJA
65
qC/W
Operating Temperature Range
TOPR
0
a 125
qC
LM78xx
40 a 125
qC
LM78xxA
0
a 125
qC
Storage Temperature Range
TSTG
65 a 150
qC
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25qC4.8
5.0
5.2
V
5mA
d IO d 1A, PO d 15W, VI = 7V to 20V
4.75
5.0
5.25
Line Regulation
Regline
TJ = 25qCVO = 7V to 25V
4.0
100
mV
(Note 2)
VI = 8V to 12V
1.6
50.0
Load Regulation
Regload
TJ = 25qCIO = 5mA to 1.5mA
9.0
100
mV
IO = 250mA to 750mA
4.0
50.0
Quiescent Current
IQ
TJ = 25qC–
5.0
8.0
mA
Quiescent Current Change
'IQ
IO = 5mA to 1A
0.03
0.5
mA
VI = 7V to 25V
0.3
1.3
Output Voltage Drift (Note 3)
'VO/'TIO = 5mA
0.8
mV/
qC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA = 25qC
42.0
PV/VO
Ripple Rejection (Note 3)
RR
f = 120Hz, VO = 8V to 18V
62.0
73.0
dB
Dropout Voltage
VDROP
IO = 1A, TJ = 25qC–
2.0
V
Output Resistance (Note 3)
rO
f = 1KHz
15.0
m
:
Short Circuit Current
ISC
VI = 35V, TA = 25qC–
230
mA
Peak Current (Note 3)
IPK
TJ =25qC–
2.2
A


Similar Part No. - LM7805A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7805A FAIRCHILD-LM7805A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results

Similar Description - LM7805A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com