Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 2 Page - ON Semiconductor

  FAN7930C Datasheet HTML 1Page - ON Semiconductor FAN7930C Datasheet HTML 2Page - ON Semiconductor FAN7930C Datasheet HTML 3Page - ON Semiconductor FAN7930C Datasheet HTML 4Page - ON Semiconductor FAN7930C Datasheet HTML 5Page - ON Semiconductor FAN7930C Datasheet HTML 6Page - ON Semiconductor FAN7930C Datasheet HTML 7Page - ON Semiconductor FAN7930C Datasheet HTML 8Page - ON Semiconductor FAN7930C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.onsemi.com
2
Application Diagram
AC INPUT
DC OUTPUT
line filter
PFC
ready
1
7
6
8
5
3
4
2
FAN7930C
COMP
INV
VCC
Out
GND
ZCD
CS
RDY
Vcc
Figure 1.
Typical Boost PFC Application
Internal Block Diagram
VCC
ZCD
VTH(ZCD)
VCC
OUT
+
-
S
Q
R
Q
+
-
INV 1
5
COMP 3
Clamp
Circuit
+
-
VCS_LIM
40k
W
8pF
4
CS
0.45
0.35
disable
2.675
2.5
disable
2.240
2.051
VBIAS
+
-
VZ
+
-
VTH(S/S)
12
8.5
VO(MAX)
VCC
2.5VREF
Internal
Bias
VBIAS
VREF
Gate
Driver
Restart
Timer
7
8
6
GND
+
-
INV_open
OVP
UVLO
RDY 2
reset
reset
H:open
Thermal
Shutdown
fMAX
limit
VREF
Startup without
Overshoot
VREF
Stair
Step
THD
Optimized
Sawtooth
Generator
VIN Absent
VCC
Control Range
Compensation
Figure 2.
Functional Block Diagram


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com