Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 15 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FAN7930C Datasheet HTML 11Page - ON Semiconductor FAN7930C Datasheet HTML 12Page - ON Semiconductor FAN7930C Datasheet HTML 13Page - ON Semiconductor FAN7930C Datasheet HTML 14Page - ON Semiconductor FAN7930C Datasheet HTML 15Page - ON Semiconductor FAN7930C Datasheet HTML 16Page - ON Semiconductor FAN7930C Datasheet HTML 17Page - ON Semiconductor FAN7930C Datasheet HTML 18Page - ON Semiconductor FAN7930C Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.onsemi.com
15
w hich is nor mally higher than in nor mal operation. This
operation is improved w hen soft-start time is very long.
How ever, too much startup time enlarges the output
voltage building time at light load. FA N7930C has
overshoot protection at startup. During startup, the
feedback loop is controlled by an internal proportional
gain controller and, w hen the output voltage reaches the
rated value, it sw itches to an external compensator after
a transition time of 30 ms. This internal proportional gain
controller
eliminates
overshoot
at startup and
an
external
conventional
compensator
takes
over
successfully afterw ard.
Depends on Load
VOUT
VCOMP
Startup Overshoot
Internal Controller
t
Conventional Controller
Startup Overshoot Control
Control Transition
Figure 37.
Startup w ithout Overshoot
9. T HD Optim ization: Total Har monic Distortion (THD)
is the factor that dictates how closely input current
shape matches sinusoidal form. The turn-on time of the
PFC controller is almost constant over one A C line
period due to the extremely low feedback control
response. The turn-off time is deter mined by the current
decrease slope of the boost inductor made by the input
voltage and output voltage. Once inductor current
becomes zero, resonance betw een COSS and the boost
inductor makes oscillating w aveforms at the drain pin
and auxiliary w inding. By checking the aux iliary w inding
voltage through the Z CD pin, the controller can check
the zero current of boost inductor. At the same time , a
minor delay is inserted to deter mine the valley position
of drain voltage. The input and output voltage difference
is at its maximum at the zero cross point of AC input
voltage. The current decrease slope is steep near the
zero cross region and more negative inductor current
flow s during a drain voltage valley detection time. Such
a negative inductor current cancels dow n the positive
current flow s and input current becomes zero, called
“zero-cross distortion” in PFC.
1.5V
150ns
1.4V
ON
VZCD
t
IINDUCTOR
MOSFET gate
INEGATIVE
ON
IIN
IMOSFET
IDIODE
Figure 38.
Input and Output Current Near Input
Voltage Peak
1.5V
150ns
1.4V
ON
ON
VZCD
t
IINDUCTOR
MOSFET gate
INEGATIVE
ON
ON
IIN
Figure 39.
Input and Output Current Near Input
Voltage Peak Zero Cross
To improve this, lengthened turn-on time near the zero
cross region is a w ell-know n technique, though the
method may vary and may be proprietary. FA N7930C
optimizes this by sourcing current through the Z CD pin.
Auxiliary w inding voltage becomes negative w hen the
MOSFET turns on and is proportional to input voltage.
The negative clamping circuit of ZCD outputs the
current to maintain the Z CD voltage at a fixed value.
The
sourcing
current
from
the
Z CD
is
directly
proportional to the input voltage. Some portion of this
current is applied to the internal saw tooth generator,
together w ith a fixed-current source. Theoretically, the
fixed-current source and the capacitor at saw tooth
generator deter mine the maximum turn-on time w hen no
current is sourcing at Z CD c lamp circuit and available
turn-on time gets shorter proportional to the Z CD
sourcing current.


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com