Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 14 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FAN7930C Datasheet HTML 10Page - ON Semiconductor FAN7930C Datasheet HTML 11Page - ON Semiconductor FAN7930C Datasheet HTML 12Page - ON Semiconductor FAN7930C Datasheet HTML 13Page - ON Semiconductor FAN7930C Datasheet HTML 14Page - ON Semiconductor FAN7930C Datasheet HTML 15Page - ON Semiconductor FAN7930C Datasheet HTML 16Page - ON Semiconductor FAN7930C Datasheet HTML 17Page - ON Semiconductor FAN7930C Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.onsemi.com
14
VOUT
PFC
+
-
INV
1
COMP
3
Clamp
Circuit
+
-
VREF
Stair
Step
THD-Optimized
Sawtooth
Generator
Sawtooth
MOSFET Off
R1
C1
C2
1V
6.2V
Figure 32.
Control Circuit
Unlike a conventional voltage- mode PWM controller,
FA N7930C turns on the MOSFET at the falling edge of
ZCD signal.
The “ ON” instant is deter mined by the
external signal and the turn-on time lasts until the error
amplifier output (VCOMP) and saw tooth w aveform meet.
When load is heavy, output voltage decreases, scaled
output
decreases,
COMP
voltage
increases
to
compensate low output, turn-on time lengthens to give
more inductor turn-on time, and increased inductor
current raises the output voltage. This is how a PFC
negative feedback controller regulates output.
The maximum of VCOMP is limited to 6. 5 V, w hich
dictates the max imum turn-on time. Sw itching stops
w hen VCOMP is low er than 1.0 V.
ZCD after COMPARATOR
VCOMP & Sawtooth
MOSFET gate
t
s
/
V
155
.
0
Figure 33.
Turn-On Tim e Determ ination
The roles of PFC controller are regulating output voltage
and input current shaping to increase pow er factor. Duty
control based on the output voltage should be fast
enough to compensate output voltage dip or overshoot.
For the pow er factor, how ever, the control loop must not
react to the fluctuating A C input voltage. These tw o
requirements conflict; therefore, w hen designing a
feedback loop, the feedbac k loop should be least ten
times
slow er
than AC line frequency. That slow
response is made by C1 at the compensator. R1 makes
gain boost around operation region and C2 attenuates
gain at higher frequency. Boost gain by R1 helps raise
the response time and improves phase margin.
Freq.
C1
R1
Proportional
gain
C2
Integrator
High-Frequency
Noise Filter
Gain
Figure 34.
Com pensators Gain Curve
For the transconductance error amplifier side, gain
changes based on differential input. When the error is
large, gain is large to suppress the output dip or peak
quickly. When the error is small, low gain is used to
improve pow er factor performance.
ICOMP
Powering
Braking
mho
250
mho
115
Figure 35.
Gain Characteris tic
7. Soft-Start: When VCC reaches VSTART, the internal
reference voltage is increased like a stair step for 5 ms.
As a result, VCOMP is also raised gradually and MOSFET
turn-on time increases smoothly. This reduces voltage
and current stress on the pow er sw itch during startup.
VREF
SS
gM
VINV=0.4V
ISOURCE
COMP
VCOMP
ISOURCE
COMP
RCOMP=VCOMP
t
(VREF
SS-V
INV)
gM=ISOURCE
COMP
VREF
END=2.5V
5ms
VCC
VSTART=12V
Figure 36.
Soft-Start Sequence
8. Startup w ithout Overshoot: Feedback control speed
of PFC is quite slow . Due to the slow response, ther e is
a gap betw een output voltage and feedback control.
That is w hy over-voltage protection ( OV P) is critical at
the PFC controller and voltage dip caused by fast load
changes from light to heavy is diminished by a bulk
capacitor. OV P is triggered
dur ing startup phase.
Operation on and off by OV P at startup may cause
audible noise and can increase voltage stress at startup,


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com