Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN7930C Datasheet HTML 9Page - ON Semiconductor FAN7930C Datasheet HTML 10Page - ON Semiconductor FAN7930C Datasheet HTML 11Page - ON Semiconductor FAN7930C Datasheet HTML 12Page - ON Semiconductor FAN7930C Datasheet HTML 13Page - ON Semiconductor FAN7930C Datasheet HTML 14Page - ON Semiconductor FAN7930C Datasheet HTML 15Page - ON Semiconductor FAN7930C Datasheet HTML 16Page - ON Semiconductor FAN7930C Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.onsemi.com
13
ISW
VAUX & VZCD
VACIN
IMOSFET
IDIODE
VAUX
VZCD
t
6.2V
0.65V
Figure 28.
Auxiliary Voltage Depends on
MOSFET Sw itching
The aux iliary w inding voltage is used to check the boost
inductor current zero instance. When boost inductor
current becomes zero, there is a resonance betw een
boost inductor and all capacitors at the MOSFET drain
pin: inc luding
COSS of the
MOSFET; an external
capacitor at the D-S pin to reduce the voltage rising and
falling slope of the MOSFET; a parasitic capacitor at
inductor; and so on to improve performance. Resonated
voltage is reflected to the auxiliary w inding and can be
used for detecting zero current of boost inductor and
valley position of MOSFET voltage stress. For valley
detection, a minor delay by the resistor and capacitor is
needed. A capacitor increases the noise immunity at the
ZCD pin. If Z CD voltage is higher than 1.5 V, an internal
ZCD comparator output becomes HIGH and LOW w hen
the ZCD goes below 1.4 V. At the falling edge of
comparator output, internal logic turns on the MOSFET
VIN
VOUT
PFC - V
IN
1.5V
150ns Delay
1.4V
ON
ON
VOUT
PFC - V
IN
IMOSFET
IDIODE
VZCD
t
IINDUCTOR
VDS
MOSFET gate
Figure 29.
Auxiliary Voltage Threshold
When no Z CD signal is available, the PFC controller
cannot turn on the MOSFET, so the controller chec ks
every sw itching off time and forces MOSFET turn on
w hen the off time is longer than 150
μs. This restart
timer triggers MOSFET turn-on at startup and may be
used at the input voltage zero-cross period.
VOUT
VIN
VCC
tRESTART
MOSFET gate
ZCD after COMPARATOR
t
s
150
Figure 30.
Restart Tim er at Startup
Because the MOSFET turn-on depends on the Z CD
input, sw itching frequency may increase to higher than
several megahertz due to the mis-triggering or noise on
the nearby ZCD pin. If the sw itching frequency is higher
than needed for
critical conduction
mode ( CRM),
operation mode shifts to continuous conduction mode
(CCM). In CCM, unlike CRM w here the boost inductor
current is reset to zero at the next sw itch on; inductor
current builds up at every sw itching cycle and can be
raised to very high current that exceeds the current
rating of the pow er sw itch or diode. This can seriously
damage the pow er sw itch. To avoid this, maximum
sw itching frequency limitation is embedded. If ZCD
signal is applied again w ithin 3.3
μs after the previous
rising edge of gate signal, this signal is ignored
internally and FA N7930C w aits for another ZCD signal.
This slightly degrades the pow er factor performance at
light load and high input voltage.
ZCD after COMPARATOR
MOSFET Gate
Max. fSW Limit
Inhibit Region
Error occurs!
Ignores ZCD noise
t
Figure 31.
Maxim um Sw itching Frequency
Lim it Operation
6. Control: The scaled output is compared w ith the
internal reference voltage and sinking or sourcing
current is generated from the
COMP pin by the
transconductance amplifier. The error amplifier output is
compared w ith the internal saw tooth w aveform to give
proper turn-on time based on the controller.


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com