Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN7930C Datasheet HTML 7Page - ON Semiconductor FAN7930C Datasheet HTML 8Page - ON Semiconductor FAN7930C Datasheet HTML 9Page - ON Semiconductor FAN7930C Datasheet HTML 10Page - ON Semiconductor FAN7930C Datasheet HTML 11Page - ON Semiconductor FAN7930C Datasheet HTML 12Page - ON Semiconductor FAN7930C Datasheet HTML 13Page - ON Semiconductor FAN7930C Datasheet HTML 14Page - ON Semiconductor FAN7930C Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.onsemi.com
11
Applications Information
1. Startup: Nor mally, supply voltage (VCC) of a PFC
block is fed from the additional pow er supply, w hich can
be called standby pow er. Without this standby pow er,
auxiliary w inding for zero current detection can be used
as a supply source. Once the supply voltage of the PFC
block exceeds 12 V, internal operation is enabled until
the voltage drops to 8. 5 V. If VCC exceeds VZ, 20 mA
current is sinking from VCC.
VCC
VZ
+
-
VTH(S/S)
12
8.5
VCC
2.5VREF
Internal
Bias
VBIAS
VREF
reset
H:open
20mA
PFC Inductor
Aux. Winding
VIN
PFC
VOUT
PFC
External VCC circuit
when no standby power exists
8
Figure 22.
Startup Circuit
2. INV Block: Scaled-dow n voltage from the output is
the input for the INV pin. Many functions are embedded
based on the INV pin: transconductance amplifier,
output OV P comparator, disable comparator, and output
UVLO comparator.
For the output voltage contr ol, a transconductance
amplifier is used instead of the conventional voltage
amplifier. The transconductance amplifier (voltage-
controlled c urrent source) aids the implementation of
the OV P and disable functions. The output current of
the
amplifier
changes
according
to
the
voltage
difference of the inverting and non- inver ting input of
the amplifier. To cancel dow n the line input voltage
effect on pow er factor correction, the effective contr ol
response of the PFC bloc k should be s low er than the
line frequency and this conflicts w ith the transient
response
of
contr oller.
Tw o-pole
one-zer o
type
compensation can meet both requirements.
The OV P comparator shuts dow n the output drive block
w hen the voltage of the INV pin is higher than 2.675 V
and there is 0. 175 V hysteresis. The disable comparator
disables operation w hen the voltage of the inverting input
is low er than 0.35 V and there is 100 mV hysteresis. An
external small-signal MOSFET can be used to disable the
IC, as show n in Figure 23. The IC operating current
decreases to reduce pow er consumption if the IC is
disabled. Figure 24 is the timing chart of the internal
circuit near the INV pin w hen rated PFC output voltage
is 390 VDC and VCC supply voltage is 15 V.
VOUT
PFC
2.5V
0.45V/0.35V
INV open
2.675V/2.5V
OVP
2.240V/2.051V
UVLO
2.240
2.051
high
VCC
disable
1
INV
3
COMP
2
RDY
0.45
0.35
disable
2.675
2.5
disable
Figure 23.
Circuit Around INV Pin
390Vdc
2.50V
2.65V
0.45V
Current sourcing
Current sourcing
I sinking
0.35V
2.051V
2.24V
2.50V
2.0V
349V
413V
390V
320V
70V
55V
VOUT
PFC
VINV
VCC
IOUT
COMP
Disable
VRDY
OVP
t
Voltage is decided by pull-up voltage.
Vcc<2V, internal logic is not alive.
- RDY pin is floating, so pull up voltage is shown.
- Internal signals are unknown.
15V
Figure 24.
Tim ing Chart for INV Block
3. RDY Output: When the INV voltage is higher than
2.24 V, RDY output is triggered HIGH and lasts until the
INV voltage is low er than 2.051 V. When input AC
voltage is quite high, for example 240 VAC, PFC output
voltage is alw ays higher than RDY threshold, regardless
of boost converter operation. In this case, the INV
voltage is already higher than 2.24 V before PFC VCC
touches VSTART; how ever, RDY output is not triggered to
HIGH until VCC touches VSTART. After boost converter
operation stops, RDY is not pulled LOW because the
INV voltage is higher than the RDY threshold. When VCC
of the PFC drops below 5 V, RDY is pulled LOW even
though PFC output voltage is higher than threshold. The
RDY pin output is open drain, so needs an external pull-
up resistor to supply the proper pow er source. The RDY
pin output remains floating until VCC is higher than 2 V.


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com