Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 1 Page - ON Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930C Datasheet(HTML) 1 Page - ON Semiconductor

  FAN7930C Datasheet HTML 1Page - ON Semiconductor FAN7930C Datasheet HTML 2Page - ON Semiconductor FAN7930C Datasheet HTML 3Page - ON Semiconductor FAN7930C Datasheet HTML 4Page - ON Semiconductor FAN7930C Datasheet HTML 5Page - ON Semiconductor FAN7930C Datasheet HTML 6Page - ON Semiconductor FAN7930C Datasheet HTML 7Page - ON Semiconductor FAN7930C Datasheet HTML 8Page - ON Semiconductor FAN7930C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Publication Order Number:
© 2010 Semiconductor Components Industries, LLC.
December-2017, Rev. 3
FAN7930C/D
FAN7930C
Critical Conduction Mode PFC Controller
Features
PFC-Ready Signal
V
IN-Absent Detection
Maximum Sw itching Frequency Limitation
Internal Soft-Start and Startup w ithout Overshoot
Internal Total Harmonic Distortion (THD) Optimizer
Precise Adjustable Output Over-Voltage Protection
Open-Feedback Protection and Disable Function
Zero-Current Detector (ZCD)
150 μs Internal Startup Timer
MOSFET Over-Current Protection (OCP)
Under-Voltage Lockout w ith 3.5 V Hysteresis
Low Startup and Operating Current
Totem-Pole Output w ith High State Clamp
+500/-800 mA Peak Gate Drive Current
8-Pin, Small Outline Package (SOP)
Applications
Adapter
Ballast
LCD TV, CRT TV
SMPS
Description
The FA N7930C is an active pow er factor correction
(PFC) controller for boost PFC applications that operate
in critical conduction mode ( CRM). It uses a voltage-
mode PWM that compares an internal ramp signal w ith
the error amplifier output to generate a MOSFET turn-off
signal. Because the voltage- mode CRM PFC controller
does not need rectified A C line voltage infor mation, it
saves the pow er loss of an input voltage-sensing netw ork
necessary for a current-mode CRM PFC controller.
FA N7930C provides over-voltage protection (OV P),
open-feedback
protection,
over-current
protection
(OCP),
input-voltage-absent
detection,
and
under-
voltage lockout protection ( UVLO). The PFC-ready pin
can be used to trigger other pow er stages w hen PFC
output voltage reaches the proper level w ith hysteresis.
The FAN7930C can be disabled if the INV pin voltage is
low er than 0.45 V and the operating current decreases
to a very low level. Us ing a new variable on-time control
method, total har monic distortion (THD) is low er than in
conventional CRM boost PFC ICs.
Related Resources
AN-8035
— Design Consideration for Boundary
Conduction Mode PFC Using FAN7930
Ordering Information
Part Number
Operating
Temperature Range
Top Mark
Package
Packing
Method
FAN7930CMX-G
-40 to +125°C
7930C
8-Lead, Small Outline Package (SOP)
Tape & Reel


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CM FAIRCHILD-FAN7930CM Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930CMX FAIRCHILD-FAN7930CMX Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com