Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 20 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor FAN7930B Datasheet HTML 16Page - ON Semiconductor FAN7930B Datasheet HTML 17Page - ON Semiconductor FAN7930B Datasheet HTML 18Page - ON Semiconductor FAN7930B Datasheet HTML 19Page - ON Semiconductor FAN7930B Datasheet HTML 20Page - ON Semiconductor FAN7930B Datasheet HTML 21Page - ON Semiconductor FAN7930B Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
www.onsemi.com
20
Bill of M aterials
Part #
Value
Note
Part #
Value
Note
Resistor
Switch
R101
1 M
W
1W
Q101
FCPF20N60
20 A, 600 V, SuperFET
®
R102
330 k
W
1/2W
Diode
R103
10 k
W
1W
D101
1N4746
1 W, 18 V, Zener Diode
R104
30 k
W
1/4W
D102
UF4004
1 A, 400 V Glass Passivated
High-Efficiency Rectifier
R107
10 k
W
1/4W
D103
1N4148
1 A, 100 V Small-Signal Diode
R108
4.7 k
W
1/4W
D104
1N4148
1 A, 100 V Small-Signal Diode
R109
47 k
W
1/4W
D105
8 A, 600 V,
General-Purpose Rectifier
R110
10 k
W
1/4W
D106
3 A, 600 V,
General-Purpose Rectifier
R111
0.80 k
W
5W
R112, R113,
R114, R116,
R117, R118
3.9 k
W
1/4W
IC101
FAN7930B
CRM PFC Controller
R115, R119
75 k
W
1/4W
Capacitor
Fuse
C101
220 nF / 275 VAC
Box Capacitor
FS101
5 A / 250 V
C102
680 nF / 275 VAC
Box Capacitor
NTC
C103
0.68 µF / 630 V
Box Capacitor
TH101
5D-15
C104
12 nF / 50 V
Ceramic Capacitor
Bridge Diode
C105
100 nF / 50 V
SMD (1206)
BD101
15 A, 600 V
C107
33 µF / 50 V
Electrolytic Capacitor
Line Filter
C108
220 nF / 50 V
Ceramic Capacitor
LF101
23 mH
C109
47 nF / 50 V
Ceramic Capacitor
Transformer
C110, C116
1 nF / 50 V
Ceramic Capacitor
T1
EER3019
Ae=137.0mm
2
C112
47 nF / 50 V
Ceramic Capacitor
ZNR
C111
220 µF / 450 V
Electrolytic Capacitor
ZNR101
10D471
C114
2.2 nF / 450 V
Box Capacitor
C115
2.2 nF / 450 V
Box Capacitor


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com