Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 18 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor FAN7930B Datasheet HTML 16Page - ON Semiconductor FAN7930B Datasheet HTML 17Page - ON Semiconductor FAN7930B Datasheet HTML 18Page - ON Semiconductor FAN7930B Datasheet HTML 19Page - ON Semiconductor FAN7930B Datasheet HTML 20Page - ON Semiconductor FAN7930B Datasheet HTML 21Page - ON Semiconductor FAN7930B Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.onsemi.com
18
Typical Application Circuit
Application
Device
Input Voltage
Range
Rated Output
Power
Output Voltage
(Maximum Current)
LCD TV Pow er Supply
FAN7930B
90-265 VAC
195 W
390 V (0.5 A)
Features
Average efficiency of 25%, 50%, 75%, and 100% load conditions is higher than 95% at universal input.
Pow er factor at rated load is higher than 0.98 at universal input.
Total Harmonic Distortion (THD) at rated load is low er than 15% at universal input.
Key Design Notes
When auxiliary V
CC supply is not available, V CC pow er can be supplied through Zero Current Detect (ZCD)
w inding. The pow er consumption of R103 is quite high, so its pow er rating needs checking.
Because the input bias current of INV pin is almost zero, output voltage sensing resistors (R112~R115) should
be as high as possible. How ever, too-high resistance makes the node susceptible to noise. Resistor values need
to strike a balance betw een pow er consumption and noise immunity.
Quick charge diode (D106) can be eliminated if output diode inrush current capability is sufficient. Even w ithout
D106, system operation is normal due to the controller’s highly reliable protection features.
Schematic
ZNR101,
10D471
194H, 39:5
D105
600V 8A
VAUX
DC OUTPUT
Q101
FCPF
20N60
D106
600V 3A
R101,1M-J
C101,
220nF
C114,
2.2nF
C102,
680nF
BD101,
600V,15A
R109
47
R108
4.7
D103,1N4148
LP101,EER3019N
1
7
6
8
5
2
FAN7930B
Comp
INV
VCC
Out
GND
ZCD
CS
OVP
4
3
C115,
2.2nF
R103,
10k,1W
D102,
UF4004
C104,
12nF
Circuit for VCC. If external VCC is used, this circuit is not needed.
Optional
Figure 44.
Dem onstration Circuit


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com