Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 17 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 13Page - ON Semiconductor FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor FAN7930B Datasheet HTML 16Page - ON Semiconductor FAN7930B Datasheet HTML 17Page - ON Semiconductor FAN7930B Datasheet HTML 18Page - ON Semiconductor FAN7930B Datasheet HTML 19Page - ON Semiconductor FAN7930B Datasheet HTML 20Page - ON Semiconductor FAN7930B Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.onsemi.com
17
PCB Layout Guide
PFC block nor mally handles high sw itching current and
the voltage low -energy signal path can be affected by
the high-energy path. Cautious PCB layout is mandatory
for stable operation.
The gate drive path should be as short as possible.
The closed-loop that starts from the gate driver,
MOSFET gate, and MOSFET source to ground of
PFC controller should be as close as possible. This
is also crossing point betw een pow er ground and
signal ground. Pow er ground path from the bridge
diode to the output bulk capacitor should be short
and w ide. The sharing position betw een pow er
ground and signal ground should be only at one
position to avoid ground loop noise. Signal path of
the PFC controller should be short and w ide for
external components to contact.
The PFC output voltage sensing resistor is normally
high to reduce current consumption. This path can
be affected by external noise. To reduce noise
potential at the INV pin, a shorter path for output
sensing is recommended. If a shorter path is not
possible, place some dividing resistors betw een
PFC output and the INV pin
— closer to the INV pin
is better. Relative high voltage close to the INV pin
can be helpful.
The ZCD path is recommended close to auxiliary
w inding from boost inductor and to the ZCD pin.
If that is difficult, place a small capacitor (below
50 pF) to reduce noise.
The sw itching current sense path should not share
w ith another path to avoid interference. Some
additional components may be needed to reduce
the noise level applied to the CS pin.
A stabilizing capacitor for V
CC is recommended as
close as possible to the VCC and ground pins. If it is
difficult, place the SMD capacitor as close to the
corresponding pins as possible.
Figure 43.
Recom m ended PCB Layout


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com