Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 15 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 11Page - ON Semiconductor FAN7930B Datasheet HTML 12Page - ON Semiconductor FAN7930B Datasheet HTML 13Page - ON Semiconductor FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor FAN7930B Datasheet HTML 16Page - ON Semiconductor FAN7930B Datasheet HTML 17Page - ON Semiconductor FAN7930B Datasheet HTML 18Page - ON Semiconductor FAN7930B Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.onsemi.com
15
9. T HD Optim ization: Total har monic distortion (THD)
is the factor that dictates how closely input current
shape matches sinusoidal form. The turn-on time of the
PFC controller is almost constant over one A C line
period due to the extremely low feedback control
response. The turn-off time is deter mined by the current
decrease slope of the boost inductor made by the input
voltage and output voltage. Once inductor current
becomes zero, resonance betw een COSS and the boost
inductor makes oscillating w aveforms at the drain pin
and auxiliary w inding. By checking the aux iliary w inding
voltage through the Z CD pin, the controller can check
the zero current of boost inductor. At the same time, a
minor delay is inserted to deter mine the valley position
of drain voltage. The input and output voltage difference
is at its maximum at the zero cross point of AC input
voltage. The current decrease slope is steep near the
zero cross region and more negative inductor current
flow s during a drain voltage valley detection time. Such
a negative inductor current cancels dow n the positive
current flow s and input current becomes zero, called
“zero-cross distortion” in PFC.
1.5V
150ns
1.4V
ON
VZCD
t
IINDUCTOR
MOSFET Gate
INEGATIVE
ON
IIN
IMOSFET
IDIODE
Figure 37.
Input and Output Current
Near Input Voltage Pe ak
1.5V
150ns
1.4V
ON
ON
VZCD
t
IINDUCTOR
MOSFET Gate
INEGATIVE
ON
ON
IIN
Figure 38.
Input and Output Current Near
Input Voltage Peak Zero Cross
To improve this, lengthened turn-on time near the zero
cross region is a w ell-know n technique, though the
method may vary and may be proprietary. FA N7930B
optimizes this by sourcing current through the Z CD pin.
Auxiliary w inding voltage becomes negative w hen the
MOSFET turns on and is proportional to input voltage.
The negative clamping circuit of ZCD outputs the
current to maintain the Z CD voltage at a fixed value.
The
sourcing
current
from
the
Z CD
is
directly
proportional to the input voltage. Some portion of this
current is applied to the internal saw tooth generator
together w ith a fixed-current source. Theoretically the
fixed-current source and the capacitor at saw tooth
generator deter mine the maximum turn-on time w hen no
current is sourcing at Z CD c lamp circuit and available
turn-on time gets shorter proportional to the Z CD
sourcing current.
RZCD
VAUX
ZCD
Zero Current
Detect
5
VCC
N
1
VREF
IMOT
reset
Sawtooth Generator
CMOT
THD Optimizer
Figure 39.
Circuit of THD Optim ize r
VZCD
tON
t
VZCD at FET on
tON get shortter
tON not shortter
tON is typically constant over 1 AC line frequency
but tON is changed by ZCD voltage.
Figure 40.
Effect of THD Optim izer
By THD optimizer, turn-on time over one A C line per iod
is proportionally changed, depending on input voltage.
Near zero cross, lengthened turn-on time improves
THD performance.


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com