Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7930B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN7930B Datasheet HTML 9Page - ON Semiconductor FAN7930B Datasheet HTML 10Page - ON Semiconductor FAN7930B Datasheet HTML 11Page - ON Semiconductor FAN7930B Datasheet HTML 12Page - ON Semiconductor FAN7930B Datasheet HTML 13Page - ON Semiconductor FAN7930B Datasheet HTML 14Page - ON Semiconductor FAN7930B Datasheet HTML 15Page - ON Semiconductor FAN7930B Datasheet HTML 16Page - ON Semiconductor FAN7930B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.onsemi.com
13
Figure 28.
Auxiliary Voltage Threshold
When no Z CD signal is available, the PFC controller
cannot turn on the MOSFET, so the controller chec ks
every sw itching off time and forces MOSFET turn on
w hen the off time is longer than 150
μs. This restart
timer triggers MOSFET turn-on at startup and may be
used at the input voltage zero cross period.
Figure 29.
Restart Tim er at Startup
Because the MOSFET turn-on depends on the Z CD
input, sw itching frequency may increase to higher than
several megahertz due to the mis-triggering or noise on
the nearby ZCD pin. If the sw itching frequency is higher
than needed for
critical conduction
mode ( CRM),
operation mode shifts to continuous conduction mode
(CCM). In CCM, unlike CRM w here the boost inductor
current is reset to zero at the next sw itch on; inductor
current builds up at every sw itching cycle and can be
raised to very high current that exceeds the current
rating of the pow er sw itch or diode. This can seriously
damage the pow er sw itch. To avoid this, maximum
sw itching frequency limitation is embedded. If ZCD
signal is applied again w ithin 3.3
μs after the previous
rising edge of gate signal, this signal is ignored
internally and FA N7930B w aits for another ZCD signal.
This slightly degrades the pow er factor performance at
light load and high input voltage.
ZCD after COMPARATOR
MOSFET Gate
Max fSW Limit
Inhibit Region
Error Occurs!
Ignores ZCD Noise
t
Figure 30.
Maxim um Sw itching Frequency
Lim it Operation
6. Control: The scaled output is compared w ith the
internal reference voltage and sinking or sourcing
current is generated from the
COMP pin by the
transconductance amplifier. The error amplifier output is
compared w ith the internal saw tooth w aveform to give
proper turn-on time based on the controller.
VOUT
PFC
+
-
INV
1
COMP
3
Clamp
Circuit
+
-
VREF
Stair
Step
THD optimized
Sawtooth
Generator
Sawtooth
MOSFET Off
R1
C1
C2
1V
6.2V
Figure 31.
Control Circuit
Unlike a conventional voltage- mode PWM controller,
FA N7930B turns on the MOSFET at the falling edge of
ZCD signal.
The “ ON” instant is deter mined by the
external signal and the turn-on time lasts until the error
amplifier output (VCOMP) and saw tooth w aveform meet.
When load is heavy, output voltage decreases, scaled
output
decreases,
COMP
voltage
increases
to
compensate low output, turn-on time lengthens to give
more inductor turn-on time, and increased inductor
current raises the output voltage. This is how a PFC
negative feedback controller regulates output.
The maximum of VCOMP is limited to 6. 5 V, w hich
dictates the max imum turn-on time. Sw itching stops
w hen VCOMP is low er than 1.0 V.
ZCD after COMPARATOR
VCOMP & Sawtooth
MOSFET Gate
t
s
/
V
155
.
0
Figure 32.
Turn-On Tim e Determ ination
V
IN
V
OUT
PFC- V
IN
1.5 V
150 ns Delay
1 .4V
ON
ON
V
OUT
PFC- V
IN
IMOSFET
IDIODE
V
ZCD
t
I
INDUCTOR
V
DS
MOSFET gate
V
OUT
V
IN
V
CC
t
RESTART
MOSFET Gate
ZCD
after COMPARATOR
t
s
150 


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930BMX FAIRCHILD-FAN7930BMX Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com